công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1308 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện TDA1308
Giải thích chi tiết về linh kiện  Class-AB stereo headphone driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1308 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  TDA1308 Datasheet HTML 1Page - NXP Semiconductors TDA1308 Datasheet HTML 2Page - NXP Semiconductors TDA1308 Datasheet HTML 3Page - NXP Semiconductors TDA1308 Datasheet HTML 4Page - NXP Semiconductors TDA1308 Datasheet HTML 5Page - NXP Semiconductors TDA1308 Datasheet HTML 6Page - NXP Semiconductors TDA1308 Datasheet HTML 7Page - NXP Semiconductors TDA1308 Datasheet HTML 8Page - NXP Semiconductors TDA1308 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The TDA1308; TDA1308A is an integrated class-AB stereo headphone driver contained in
an SO8, DIP8 or a TSSOP8 plastic package. The TDA1308AUK is available in an 8 bump
wafer level chip-size package (WLCSP8). The device is fabricated in a 1
µm
Complementary Metal Oxide Semiconductor (CMOS) process and has been primarily
developed for portable digital audio applications.
The difference between the TDA1308 and the TDA1308A is that the TDA1308A can be
used at low supply voltages.
2.
Features
I Wide temperature range
I No switch ON/OFF clicks
I Excellent power supply ripple rejection
I Low power consumption
I Short-circuit resistant
I High performance
N High signal-to-noise ratio
N High slew rate
N Low distortion
I Large output voltage swing
3.
Quick reference data
TDA1308; TDA1308A
Class-AB stereo headphone driver
Rev. 04 — 25 January 2007
Product data sheet
Table 1.
Quick reference data
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
TDA1308
single supply
3.0
5.0
7.0
V
dual supply
1.5
2.5
3.5
V
TDA1308A
single supply
2.4
5.0
7.0
V
dual supply
1.2
2.5
3.5
V
VSS
negative supply
voltage
TDA1308; dual supply
−1.5
−2.5
−3.5
V
TDA1308A; dual supply
−1.2
−2.5
−3.5
V
IDD
supply current
no load
-
3
5
mA


Số phần tương tự - TDA1308

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
TDA1308 PHILIPS-TDA1308 Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
TDA1308 SILAN-TDA1308 Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308AT PHILIPS-TDA1308AT Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
More results

Mô tả tương tự - TDA1308

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com