công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM660OGS55DM6E bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
STM660OGS55DM6E bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 51 page STM6600 - STM6601 Pin descriptions Doc ID 15453 Rev 7 9/51 2 Pin descriptions VCC - power supply input VCC is monitored during startup and normal operation for sufficient voltage level. Decouple the VCC pin from ground by placing a 0.1 µF capacitor as close to the device as possible. SR - Smart Reset™ button input This input is equipped with voltage detector with a factory-trimmed threshold and has ±8 kV HBM ESD protection. Both PB and SR buttons have to be pressed and held for tSRD period so the long push is recognized and the reset is asserted (or the enable output is deasserted depending on the option) - see Figure 15, 16, and 17. Active low SR input is usually connected to GND through the momentary push-button (see Figure 1) and it has an optional 100 k Ω pull-up resistor. It is also possible to drive this input using an external device with either open drain (recommended) or push-pull output. Open drain output can be connected in parallel with push-button or other open drain outputs, which is not possible with push-pull output. VREF - external precise 1.5 V voltage reference This 1.5 V voltage reference is specified with very tight accuracy of 1% (see Table 5). It has proper output voltage as soon as the reset output is deasserted (i.e. after tREC expires) and it is disabled when the device enters standby mode. A mandatory capacitor needs to be connected to VREF output (even if VREF is not used). Capacitor value of 1 µF is recommended. PSHOLD input This input is equipped with a voltage detector with a factory-trimmed threshold. It is used to confirm correct power-up of the device (if EN or EN is not asserted) or to initiate a shutdown (if EN or EN is asserted). Forcing PSHOLD high during power-up confirms the proper start of the application and keeps enable output asserted. Because most processors have outputs in high-Z state before initialization, an internal pull-down resistor is connected to PSHOLD input during startup (see Figure 7, 8, 9, 10, 11, 12, 13, and 18). Forcing the PSHOLD signal low during normal operation deasserts the enable output (see Figure 14). Input voltage on this pin is compared to an accurate voltage reference. CSRD - Smart Reset ™delay time input A capacitor to ground determines the additional time (tSRD) that PB with SR must be pressed and held before a long push is recognized. The connected CSRD capacitor is charged with ISRD current. Additional Smart Reset ™ delay time t SRD ends when voltage on the CSRD capacitor reaches the VSRD voltage threshold. It is recommended to use a low ESR capacitor (e.g. ceramic). If the capacitor is not used, leave the CSRD pin open. If no capacitor is connected, there is no tSRD and a long push is recognized right after tINT_Min expires (see Figure 18 and 19). |
Số phần tương tự - STM660OGS55DM6E |
|
Mô tả tương tự - STM660OGS55DM6E |