công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM660OGU25DM6E bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
STM660OGU25DM6E bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
1 / 51 page June 2010 Doc ID 15453 Rev 7 1/51 1 STM6600 STM6601 Smart push-button on/off controller with Smart ResetTM and power-on lockout Features ■ Operating voltage 1.6 V to 5.5 V ■ Low standby current of 1 µA ■ Adjustable Smart Reset™ assertion delay time driven by external CSRD ■ Power-up duration determined primarily by push-button press (STM6600) or by fixed time period, tON_BLANK (STM6601) ■ Debounced PB and SR inputs ■ PB and SR ESD inputs withstand voltage up to ±15 kV (air discharge) ±8 kV (contact discharge) ■ Active high or active low enable output option (EN or EN) provides control of MOSFET, DC-DC converter, regulator, etc. ■ Secure startup, interrupt, Smart Reset™ or power down driven by push-button ■ Precise 1.5 V voltage reference with 1% accuracy ■ Industrial operating temperature –40 to +85 °C ■ Available in TDFN12 2 x 3 mm package Applications ■ Portable devices ■ Terminals ■ Audio and video players ■ Cell phones and smart phones ■ PDAs, palmtops, organizers TDFN12 Table 1. Device summary Device RST CSRD PB / SR EN or EN INT Startup process STM6600 open drain(1) ✓✓ push-pull open drain(1) PB must be held low until the PSHOLD (2) confirmation STM6601 open drain(1) ✓✓ push-pull open drain(1) PB can be released before the PSHOLD (2) confirmation 1. External pull-up resistor needs to be connected to open drain outputs. 2. For a successful startup, the PSHOLD (Power Supply Hold) needs to be pulled high within specific time, tON_BLANK. www.st.com |
Số phần tương tự - STM660OGU25DM6E |
|
Mô tả tương tự - STM660OGU25DM6E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |