công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZT4403 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện PZT4403
Giải thích chi tiết về linh kiện  40 V, 600 mA PNP switching transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZT4403 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  PZT4403 Datasheet HTML 1Page - NXP Semiconductors PZT4403 Datasheet HTML 2Page - NXP Semiconductors PZT4403 Datasheet HTML 3Page - NXP Semiconductors PZT4403 Datasheet HTML 4Page - NXP Semiconductors PZT4403 Datasheet HTML 5Page - NXP Semiconductors PZT4403 Datasheet HTML 6Page - NXP Semiconductors PZT4403 Datasheet HTML 7Page - NXP Semiconductors PZT4403 Datasheet HTML 8Page - NXP Semiconductors PZT4403 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PZT4403_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 2 March 2010
2 of 9
NXP Semiconductors
PZT4403
40 V, 600 mA PNP switching transistor
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
collector 1 cm2.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PZT4403
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
Table 4.
Marking codes
Type number
Marking code
PZT4403
ZT4403
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−40
V
VCEO
collector-emitter voltage
open base
-
−40
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current
-
−600
mA
ICM
peak collector current
-
−800
mA
IBM
peak base current
-
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
1150
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --
106
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
--
25
K/W


Số phần tương tự - PZT4403

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PZT4403 NXP-PZT4403 Datasheet
228Kb / 7P
   PNP switching transistor
Rev. 02-17 January 2008
logo
SeCoS Halbleitertechnol...
PZT4403 SECOS-PZT4403 Datasheet
930Kb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403 Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
PZT4403 JIANGSU-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

Mô tả tương tự - PZT4403

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
   40 V, 600 mA, PNP switching transistor
5 March 2015
PMST4403 NEXPERIA-PMST4403 Datasheet
815Kb / 13P
   40 V, 600 mA PNP switching transistor
1 August 2016
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
   40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
PMBT2227AYS-Q NEXPERIA-PMBT2227AYS-Q Datasheet
289Kb / 15P
   40 V, 600 mA, NPN/PNP double switching transistor
10 March 2022
PMBT2222AQA NEXPERIA-PMBT2222AQA Datasheet
242Kb / 14P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AMB NEXPERIA-PMBT2222AMB Datasheet
221Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
   60 V, 600 mA PNP switching transistor
21 September 2018
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
   60 V, 600 mA, PNP switching transistor
3 August 2015
PMST2907A NEXPERIA-PMST2907A Datasheet
663Kb / 13P
   60 V, 600 mA PNP switching transistor
12 August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com