công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM660OHU54DM6E bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
STM660OHU54DM6E bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
11 / 51 page STM6600 - STM6601 Pin descriptions Doc ID 15453 Rev 7 11/51 EN or EN - enable output This output is intended to enable system power (see Figure 1). EN is asserted high after a valid turn-on event has been detected and confirmed (i.e. push-button has been pressed and held for tDEBOUNCE or more and VCC > VTH+ voltage level has been detected - see Figure 13). EN is released low if any of the conditions below occur: a) the push-button is released before PSHOLD is driven high (valid for STM6600, see Figure 9) or tON_BLANK expires before PSHOLD is driven high during startup (valid for both STM6600 and STM6601, see Figure 10 and 12). b) PSHOLD is driven low during normal operation (see Figure 14). c) an undervoltage condition is detected for more than tSRD + tINT_Min + tDEBOUNCE (see Figure 21). d) a long push of the buttons is detected (only for the device with option “EN deasserted by long push” - see Figure 19) or PSHOLD is not driven high during tON_BLANK after a long push of the buttons (only for the device with option “RST asserted by long push” - see Figure 18). Described logic levels are inverted in case of EN output. Output type is push-pull by default. RST - reset output This output pulls low for tREC: a) during startup. PB has been pressed (falling edge on the PB detected) and held for at least tDEBOUNCE and VCC > VTH+ (see Figure 7, 8, 9, 10, 11, 12 and 13 for more details). b) after long push detection (valid only for the device with option “RST asserted by long push”). PB has been pressed (falling edge on the PB detected) and held for more than tDEBOUNCE + tSRD (additional Smart Reset ™ delay time can be adjusted by the external capacitor CSRD) - see Figure 18. Output type is active low and open drain by default. Open drain output type requires a pull- up resistor. A 10 k Ω is sufficient in most applications. INT - interrupt output While the system is under normal operation (PSHOLD is driven high, power for application is asserted), the INT is driven low if: a) VCC falls below VTH- threshold (i.e. undervoltage is detected - see Figure 20 and 21). b) the falling edge on the PB is detected and the push-button is held for tDEBOUNCE or more. INT is driven low after tDEBOUNCE and stays low as long as PB is held. The INT signal is held high during power-up. The state of the PBOUT output can be used to determine if the interrupt was caused by either the assertion of the PB input, or was due to the detection of an undervoltage condition on VCC. INT output is asserted low for at least tINT_Min. Output type is active low and open drain by default. Open drain output type requires a pull- up resistor. A 10 k Ω is sufficient in most applications. GND - ground |
Số phần tương tự - STM660OHU54DM6E |
|
Mô tả tương tự - STM660OHU54DM6E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |