công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM660OEQ24DM6E bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM660OEQ24DM6E
Giải thích chi tiết về linh kiện  Smart push-button on/off controller with Smart ResetTM and power-on lockout
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OEQ24DM6E bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM660OEQ24DM6E Datasheet HTML 1Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 2Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 3Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 4Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 5Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 6Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 7Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 8Page - STMicroelectronics STM660OEQ24DM6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
June 2010
Doc ID 15453 Rev 7
1/51
1
STM6600
STM6601
Smart push-button on/off controller with
Smart ResetTM and power-on lockout
Features
Operating voltage 1.6 V to 5.5 V
Low standby current of 1 µA
Adjustable Smart Reset™ assertion delay time
driven by external CSRD
Power-up duration determined primarily by
push-button press (STM6600) or by fixed time
period, tON_BLANK (STM6601)
Debounced PB and SR inputs
PB and SR ESD inputs withstand voltage up to
±15 kV (air discharge) ±8 kV (contact
discharge)
Active high or active low enable output option
(EN or EN) provides control of MOSFET,
DC-DC converter, regulator, etc.
Secure startup, interrupt, Smart Reset™ or
power down driven by push-button
Precise 1.5 V voltage reference with 1%
accuracy
Industrial operating temperature –40 to +85 °C
Available in TDFN12 2 x 3 mm package
Applications
Portable devices
Terminals
Audio and video players
Cell phones and smart phones
PDAs, palmtops, organizers
TDFN12
Table 1.
Device summary
Device
RST
CSRD
PB / SR
EN or EN
INT
Startup process
STM6600
open drain(1)
✓✓
push-pull
open drain(1)
PB must be held low until the
PSHOLD
(2) confirmation
STM6601
open drain(1)
✓✓
push-pull
open drain(1)
PB can be released before the
PSHOLD
(2) confirmation
1.
External pull-up resistor needs to be connected to open drain outputs.
2.
For a successful startup, the PSHOLD (Power Supply Hold) needs to be pulled high within specific time, tON_BLANK.
www.st.com


Số phần tương tự - STM660OEQ24DM6E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Mô tả tương tự - STM660OEQ24DM6E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com