công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF07-WBP-6P bảng dữ liệu(PDF) 10 Page - Hirose Electric

tên linh kiện LF07-WBP-6P
Giải thích chi tiết về linh kiện  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF07-WBP-6P bảng dữ liệu(HTML) 10 Page - Hirose Electric

Back Button LF07-WBP-6P Datasheet HTML 3Page - Hirose Electric LF07-WBP-6P Datasheet HTML 4Page - Hirose Electric LF07-WBP-6P Datasheet HTML 5Page - Hirose Electric LF07-WBP-6P Datasheet HTML 6Page - Hirose Electric LF07-WBP-6P Datasheet HTML 7Page - Hirose Electric LF07-WBP-6P Datasheet HTML 8Page - Hirose Electric LF07-WBP-6P Datasheet HTML 9Page - Hirose Electric LF07-WBP-6P Datasheet HTML 10Page - Hirose Electric LF07-WBP-6P Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
LF Series
Miniature Waterproof Shielded Connectors
No.
5
6
5
5
Note
It is critical that the cable itself will not turn or
twist during this operation.
Note
It is critical that the protrusions are inside the
corresponding grooves.
Forming cavity
Crimping tool
Connector Assembly
12
,
Backshell
Threaded section
Wrench width : D
3
4
5
5
34
,
Tightening collar
Groove
Protrusion
Strain relief collar
Seal bushing
Tightening collar
Threaded section
Both sides of the shielding clamp must be
placed in the forming cavity of the tool
(as shown on the illustration) and crimped
over the cable by closing the tool completely.
1 Place the body/insulator assembly in the
applicable solder termination fixture.
Slide forward the seal bushing and insert it in
the backshell until fully seated.
Verify that the Locktite 7649 primer
(or equivalent) on the threaded sections of the
backshell and tightening collar are dry.
Apply the Locktite 271 compound to the
tightening collar’s threaded section and attach
it to the backshell.
Slide forward the strain relief collar and insert
it in the backshell, making sure that the
opposing protrusions fit inside the
corresponding grooves, as shown on the
illustration.
2 Coat the thread section of the body/insulator
assembly with Loctite 271 compound
(manufactured by Henckel Japan, Ltd.) or
equivalent, tightening it with a torque
specified in the table 6.
Illustration
Operation
Crimping tool Forming cavity
Applicable cable
diameter
Shielding clamp
diameter after crimping
HR10A-TC-02
5.3
5mm
–––
7.3mm
8.7mm
5.3mm to
5.5mm
–––
7.9mm to
8.1mm
9.1mm to
9.3mm
7.0
LF-TC-01
7.9
9.1
Shell size Tightening torque Wrench width
LF07
LF10
10mm
1N·m~1.5N·m
1N·m~1.5N·m
13mm
LF13
1.5N·m~2N·m
16mm
Table 6
Fixture Part No.
Applicable connector
Fixture Part No.
Applicable connector
LF07BP-T01
LF10BP-T01
LF13BP-T01
LF07WBP-6S,6P,3S,3P
LF10WBP-4S,4P,12S,12P
LF13WBP-20S,20P,11S,11P
LF07BJ-T01
LF10BJ-T01
LF13BJ-T01
LF07WBJ-6S,6P,3S,3P
LF10WBJ-4S,4P,12S,12P
LF13WBJ-20S,20P,11S,11P
For plug assembly
For jack assembly
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Số phần tương tự - LF07-WBP-6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
LF07BJ-T01 HIROSE-LF07BJ-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07BP-T01 HIROSE-LF07BP-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3P HIROSE-LF07WBJ-3P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3S HIROSE-LF07WBJ-3S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-6P HIROSE-LF07WBJ-6P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

Mô tả tương tự - LF07-WBP-6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com