công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LF10-WBR-20S bảng dữ liệu(PDF) 8 Page - Hirose Electric |
|
LF10-WBR-20S bảng dữ liệu(HTML) 8 Page - Hirose Electric |
8 / 11 page 8 LF Series ●Miniature Waterproof Shielded Connectors No. 4 Soldering 1 Insulator Contact Wire Cmm Heat-shrink tubing – 1 2 3 2 – 2 3, 4, 11 (No.A∼D) Conductors 2 3 Insulator Insulator wall Insulator 0.5 mm min. Wire insulation – 2 Wire insulation Shielding mesh (Folded back) Insulator wall Contact Contact Solder D Cable outer jacket After the soldering, keep a distance of D between the contact end and the cable’s outer jacket as illustrated. Soldering conditions Soldering iron tip temperature: 350±10ç Soldering time: within 5 sec. Note (1) (2) Assure that the solder compound is sufficiently melted on the soldering iron tip. When applying, make sure that the solder will flow correctly at all the contact surfaces between the conductor and the contact. 2 – 1 6, 12, 20, 11(No.1∼7) Conductors (1) (2) (3) Place a heat-shrink tubing (inside diameter of 1.1 mm min.) over every other wire. Perform the soldering of the contact and the conductor, with the wire’s insulation touching the contact as shown. After soldering, slide the heat shrink tubing over the soldered joint and shrink it. The tubing should touch the insulator as shown. (1) (2) Perform the soldering of the contact and the conductor, with the wire’s insulation touching the contact as illustrated. When soldering, to maintain the insulation between adjacent contacts. Make sure that the wire’s insulation remains below the edge of the insulator’s wall 0.5 mm min., as illustrated. Note The distance of D is required in order to assure correct assembly of the backshell. Illustration Operation Number of Conductors 3 6 D mm 6 to 7 4 18 to 19 12 10 to 11 13 to 14 11 20 Table 4. Wire Dimensions C mm 12 6 4 4 6 4 6 6 4 1 to 6 1 to 9 10 to 12 1 to 5,16 to 20 6 to 15 1 to 4 5 to 7 20 11 Table 3 Number of Conductors Number of contacts The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Số phần tương tự - LF10-WBR-20S |
|
Mô tả tương tự - LF10-WBR-20S |