công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D01127-000 bảng dữ liệu(PDF) 10 Page - Tyco Electronics |
|
D01127-000 bảng dữ liệu(HTML) 10 Page - Tyco Electronics |
10 / 11 page ROV20, ROV20H, ROV20E 20mm Series Metal Oxide Varistors Raychem Overvoltage Devices www.tycopowercomponents.com Document: SCD 25484 Status: Released Rev. A June 30, 2003 Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866 10 of 11 TAPE AND REEL DIMENSIONS Symbols Item Value l Cut out length 1.1mm max. H1 (Kinked type) Height of kink 3.5mm max. H0 (Kinked type) Height to seating plane 16.0 ± 0.5mm Ho (Straight type) Height of component from hole center 16.0-21.0mm ∆h Front to back deviation 0.0 ± 2.0mm W Carrier tape width W0 Hold down tape width 12.0mm W1 Sprocket hole position W2 Adhesive tape position 3.0mm max. F Component lead spacing P Pitch of component 25.4 ± 1.0mm P0 Sprocket hole pitch 12.7 ± 0.3mm P1 Lead length from hole center to lead 7.7 ± 0.7mm, 8.95 ± 0.7mm P2 Length from hole center to disk center 12.7 ± 1.3mm D0 Sprocket hole diameter 4.0 ± 0.2mm d Lead wire diameter 0.8 ± 0.05mm, 1.0 ± 0.05mm T Disk thickness See C. max table t1 Total thickness tape 0.7 ± 0.05mm t2 Total thickness 1.8mm max. |
Số phần tương tự - D01127-000 |
|
Mô tả tương tự - D01127-000 |