công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D01127-000 bảng dữ liệu(PDF) 1 Page - Tyco Electronics |
|
D01127-000 bảng dữ liệu(HTML) 1 Page - Tyco Electronics |
1 / 11 page ROV20, ROV20H, ROV20E 20mm Series Metal Oxide Varistors Raychem Overvoltage Devices www.tycopowercomponents.com Document: SCD 25484 Status: Released Rev. A June 30, 2003 Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866 1 of 11 GENERAL DESCRIPTION The ROV20-XXX (Radial-leaded Metal Oxide Varistor) products are 20mm radial leaded varistor devices suitable for protection of overvoltage transients. ROV devices can provide protection for a wide variety of power systems against overvoltage faults such as lightning, power contact and power induction. Suitable for a broad range of applications including, but not limited to security, power supplies, surge strips, etc., the ROV device helps to protect valuable equipment from potential power surge damage by clamping high energy, short duration impulses. The ROV devices have high current handling and energy absorption capability and fast response times to help protect against transient faults. FEATURES • Radial leaded • Broad Varistor voltage and Vrms range Varistor voltage : 18V - 1800V Vrms voltage : 11V - 1000V • Three surge capability series Standard series, High surge series, Extra high surge series • Various lead types Straight, Kinked, Other • Various packaging options Bulk, Tape & Reel, Ammo Pack • Helps designers meet the following standards UL, CSA, VDE • Fast response time • High current and energy absorption capability APPLICATIONS • Power supplies and power systems • Line voltage • Telecommunications systems • Automotive systems • Appliances TYPICAL APPLICATION SCHEMATIC Protected device * *In some applications, a polymeric PTC device such as a Tyco Electronics PolySwitch device may be used instead of a fuse to provide a preferred solution. |
Số phần tương tự - D01127-000 |
|
Mô tả tương tự - D01127-000 |