công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1-100694-01 bảng dữ liệu(PDF) 11 Page - Sensitron |
|
1-100694-01 bảng dữ liệu(HTML) 11 Page - Sensitron |
11 / 12 page Datasheet SHT21 www.sensirion.com Version 1.0 – January 2010 11/12 9 Compatibility to SHT1x / 7x protocol SHT2x sensors may be run by communicating with the Sensirion specific communication protocol used for SHT1x and SHT7x. In case such protocol is applied please refer to the communication chapter of datasheet SHT1x or SHT7x. Please note that reserved status bits of user register must not be changed. Please understand that with the SHT1x/7x communication protocol only functions described in respective datasheets can be used with the exception of the OTP reload function that is not set to default on SHT2x. As an alternative to OTP reload the soft reset may be used. Please note that even if SHT1x/7x protocol is applied the timing values of Table 5 and Table 7 as well as the calculation of physical values in this SHT2x datasheet apply. |
Số phần tương tự - 1-100694-01 |
|
Mô tả tương tự - 1-100694-01 |