công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4-1579002-2 bảng dữ liệu(PDF) 10 Page - Tyco Electronics |
|
4-1579002-2 bảng dữ liệu(HTML) 10 Page - Tyco Electronics |
10 / 40 page Slim Junction Box – Serial Interconnection SOLARLOK Photovoltaic Interconnection System Catalog 889753-3 Revised 9-2009 All dimensions are in millimeters unless otherwise specified. All specifications subject to change. Consult Tyco Electronics for latest specifications. 8 Junction Box with Mounted Cable and Standard Connectors Part Number Contact Rails Diodes Cable Length (mm) Wire Size (mm2) Rated Current (IEC 61215, Edition 2) (Ampere) 1971158-2 2 1 3 600 2.5 Junction Box with Mounted Cable and Slim Line Connectors Part Number Contact Rails Diodes Cable Length (mm) Wire Size (mm2) Rated Current (IEC 61215, Edition 2) (Ampere) on request 2 1 3 600 2.5 Standard mounting on the panel with silicone glue (approved types see application specification). Optional with double-sided adhesive tape (specifications of the adhesive tape can be found in the datasheets of the manufacturer). W: 52 mm H: 15.5 mm + All mentioned versions are standard. Plus-connection see drawing. UL pending. |
Số phần tương tự - 4-1579002-2 |
|
Mô tả tương tự - 4-1579002-2 |