công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8-1579001-2 bảng dữ liệu(PDF) 9 Page - Tyco Electronics |
|
8-1579001-2 bảng dữ liệu(HTML) 9 Page - Tyco Electronics |
9 / 40 page Eco Junction Box – Serial Interconnection SOLARLOK Photovoltaic Interconnection System Catalog 889753-3 Revised 9-2009 All dimensions are in millimeters unless otherwise specified. All specifications subject to change. Consult Tyco Electronics for latest specifications. 7 Junction Box with Mounted Cable and Standard Connectors Part Number Contact Rails Diodes Cable Length (mm) Wire Size (mm2) Foil Connection Rated Current (IEC 61215, Edition 2) (Ampere) 1987392-1 2 1 8 1,000 4.0 Straight 1987392-2 2 1 8 1,000 4.0 Angled Junction Box with Mounted Cable, Slim Line Connectors and Double-Sided Adhesive Tape Part Number Contact Rails Diodes Cable Length (mm) Wire Size (mm2) Foil Connection Rated Current (IEC 61215, Edition 2) (Ampere) 1987392-3 2 1 8 1,000 2.5 Straight Standard mounting on the panel with silicone glue (approved types see application specification). Optional with double-sided adhesive tape (specifications of the adhesive tape can be found in the datasheets of the manufacturer). W: 76 mm H: 18.5 mm + All mentioned versions are standard. Plus-connection see drawing. TÜV and UL pending. |
Số phần tương tự - 8-1579001-2 |
|
Mô tả tương tự - 8-1579001-2 |