công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF53017CMJ240 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MCF53017CMJ240
Giải thích chi tiết về linh kiện  Version 3 ColdFire짰 core with EMAC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF53017CMJ240 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF53017CMJ240 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF53017CMJ240 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Hardware Design Considerations
MCF5301x Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
Figure 3. Supply Voltage Sequencing and Separation Cautions
3.3.1
Power Up Sequence
If EVDD/SDVDD are powered up with the IVDD at 0V, then the sense circuits in the I/O pads will cause all pad output drivers
connected to the EVDD/SDVDD to be in a high impedance state. There is no limit on how long after EVDD/SDVDD powers up
before IVDD must power up. IVDD should not lead the EVDD, SDVDD or PVDD by more than 0.4V during power ramp up or
there will be high current in the internal ESD protection diodes. The rise times on the power supplies should be slower than 1
microsecond to avoid turning on the internal ESD protection clamp diodes.
The recommended power up sequence is as follows:
1. Use 1 microsecond or slower rise time for all supplies.
2. IVDD/PVDD and EVDD/SDVDD should track up to 0.9V and then separate for the completion of ramps with
EVDD/SDVDD going to the higher external voltages. One way to accomplish this is to use a low drop-out voltage
regulator.
3.3.2
Power Down Sequence
If IVDD/PVDD are powered down first, then sense circuits in the I/O pads will cause all output drivers to be in a high impedance
state. There is no limit on how long after IVDD and PVDD power down before EVDD or SDVDD must power down. IVDD should
not lag EVDD, SDVDD, or PVDD going low by more than 0.4V during power down or there will be undesired high current in
the ESD protection diodes. There are no requirements for the fall times of the power supplies.
The recommended power down sequence is as follows:
1. Drop IVDD/PVDD to 0V.
2. Drop EVDD/SDVDD supplies.
EVDD, USBVDD (3.3V)
IVDD, PVDD
Time
3.3V
1.2V
0
Notes:
1 IV
DD should not exceed EVDD, SDVDD or PVDD by more than 0.4V at any time, including power-up.
2 Recommended that IV
DD/PVDD should track EVDD/SDVDD up to 0.9V then separate for completion of ramps
3 Input voltage must not be greater than the supply voltage (EV
DD, SDVDD, IVDD, or PVDD) by more than 0.5V
at any time, including during power-up.
4 Use 1 microsecond or slower rise time for all supplies.
1
2
2.5V
Supplies Stable
SDVDD (2.5V - DDR)
1.8V
SDVDD (1.8V - DDR)


Số phần tương tự - MCF53017CMJ240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF53017CMJ240J FREESCALE-MCF53017CMJ240J Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
More results

Mô tả tương tự - MCF53017CMJ240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF53017 FREESCALE-MCF53017 Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
MCF51QE128 FREESCALE-MCF51QE128_08 Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF52235 FREESCALE-MCF52235_06 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com