công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF53012CQT240 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MCF53012CQT240
Giải thích chi tiết về linh kiện  Version 3 ColdFire짰 core with EMAC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF53012CQT240 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF53012CQT240 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF53012CQT240 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Ordering Information
MCF5301x Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
2
Ordering Information
3
Hardware Design Considerations
3.1
PLL Power Filtering
To further enhance noise isolation, an external filter is strongly recommended for PLL analog VDD pins. The filter shown in
Figure 1 should be connected between the board IVDD and the PLLVDD pins. The resistor and capacitors should be placed as
close to the dedicated PVDD pin as possible. The 10-ohm resistor in the given filter is required, do not implement the filter circuit
using only capacitors. The PVDD pins draw very little current, so concerns regarding voltage loss across the 10-ohm resistor are
not valid.
16-channel direct memory access (DMA)
General purpose I/O Module (GPIO)
JTAG - IEEE® 1149.1 Test Access Port
Package
208 LQFP
256 MAPBGA
Table 2. Orderable Part Numbers
Freescale Part Number
Description
Package
Speed
Temperature
MCF53010CQT240
MCF53010 Microprocessor
208 LQFP
240 MHz
–40
° to +85° C
MCF53011CQT240
MCF53011 Microprocessor
MCF53012CQT240
MCF53012 Microprocessor
MCF53013CQT240
MCF53013 Microprocessor
MCF53014CMJ240J
MCF53014 Microprocessor
256 MAPBGA
MCF53015CMJ240J
MCF53015 Microprocessor
MCF53016CMJ240J
MCF53016 Microprocessor
MCF53017CMJ240J
MCF53017 Microprocessor
The following are not available from Freescale for import or sale in the United States prior to September 2010
MCF53014CMJ240
MCF53014 Microprocessor
256 MAPBGA
240 MHz
–40
° to +85° C
MCF53015CMJ240
MCF53015 Microprocessor
MCF53016CMJ240
MCF53016 Microprocessor
MCF53017CMJ240
MCF53017 Microprocessor
Table 1. MCF5301x Family Configurations (continued)
Module


Số phần tương tự - MCF53012CQT240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF53012CQT240 FREESCALE-MCF53012CQT240 Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
More results

Mô tả tương tự - MCF53012CQT240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF53017 FREESCALE-MCF53017 Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
MCF51QE128 FREESCALE-MCF51QE128_08 Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF52235 FREESCALE-MCF52235_06 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com