công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF53010CQT240 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MCF53010CQT240
Giải thích chi tiết về linh kiện  Version 3 ColdFire짰 core with EMAC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF53010CQT240 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF53010CQT240 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF53010CQT240 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MCF53017
Rev. 5, 3/2010
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
MCF53017
MAPBGA–256
17 x 17
LQFP–208
28 x 28
Features
•Version 3 ColdFire® core with EMAC
• Up to 211 Dhrystone 2.1 MIPS @ 240 MHz
• 16 KBytes unified instruction/data cache
• 128 KBytes internal SRAM with standby power supply
support
• Crossbar switch technology (XBS) for concurrent access to
peripherals or RAM from multiple bus masters
• Enhanced Secure Digital Host Controller (eSDHC)
– Supports CE-ATA, SD Memory, miniSD Memory,
SDIO, miniSDIO, SD Combo, MMC, MMC plus, MMC
4x, and MMC RS cards
• Two ISO7816 smart card interfaces
• IC identification module
• Voice-band audio codec with integrated speaker,
microphone, headphone, and handset amplifiers
• 16- or 32-bit SDR, 16-bit DDR/mobile-DDR SDRAM
controller
• USB 2.0 On-the-Go controller
• USB host controller
• 2 10/100 Ethernet MACs
• Coprocessor for acceleration of the DES, 3DES, AES,
MD5, and SHA-1 algorithms
• Random number generator
• 16-channel DMA controller
• Synchronous serial interface
• 4 periodic interrupt timers
• 4 32-bit timers with DMA support
• Real-time clock (RTC) module with standby support
• DMA-supported serial peripheral interface (DSPI)
• 3 UARTs
•I2C bus interface
MCF5301x Data Sheet


Số phần tương tự - MCF53010CQT240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF53010CQT240 FREESCALE-MCF53010CQT240 Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
More results

Mô tả tương tự - MCF53010CQT240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF53017 FREESCALE-MCF53017 Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
MCF51QE128 FREESCALE-MCF51QE128_08 Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF52235 FREESCALE-MCF52235_06 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com