công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM123-155.52M bảng dữ liệu(PDF) 2 Page - Connor-Winfield Corporation

tên linh kiện LM123-155.52M
Giải thích chi tiết về linh kiện  5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONNOR-WINFIELD [Connor-Winfield Corporation]
Trang chủ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

LM123-155.52M bảng dữ liệu(HTML) 2 Page - Connor-Winfield Corporation

  LM123-155.52M Datasheet HTML 1Page - Connor-Winfield Corporation LM123-155.52M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Ds030
2of2
P01
24 Sep 2009
Package Characteristics
Environmental Characteristics
Table 6.0
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
SMD product suitable for Convection Reflow soldering. Peak
temperature 260
°C. Maximum time above 220°C, 60 seconds.
Solderability
Solderability per Mil Std 883E Method 2003
1
Tape and Reel Specifications
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
LVDS Output Waveform
Ordering Information
Package Outline
Solder Profile
Suggested Pad Layout
Pad Connections - Enable / Disable Function
Model Matrix
Test Circuit
3
Type:
LVDS
Clock Series
5x7mm
Supply Voltage:
2 = 2.5Vdc.
3 = 3.3Vdc.
Temperature Range:
1=0to
2 = -40 to 85
3=0to85
4 = -20 to
70° C
°C
°C
70° C
Frequency Stability:
4 = +/-20
1 = +/-
2 = +/-50
3 = +/-100
ppm^
25 ppm^
ppm
ppm
LM
1
2
155.52M
-
Output Frequency:
Frequency Format
-xxx.xM Min.*
-xxx.xxxxxxM Max.*
*Amount of numbers
after the decimal point.
M = MHz
Table 5.0
Package
Hermetically sealed ceramic package and metal cover.
Soldering Process
RoHS compliant, see solder profile on page 2.
Table 7.0
Pad
Connection
1
Enable / Disable
2N/C
3
Ground
4
Q Output
5
Q Output
6Vcc
Table 8.0
Enable / Disable
Function (Pad 1)
Output
High or Open
Enable
Low
Disable (High Impedance)
CW 0846
LM123
155.52M
0.069
(1.75mm)
0.275
(7.0mm)
0.197
(5.0mm)
Table 9.0
Frequency
Tolerance
±20ppm
Frequency
Tolerance
±25ppm
Frequency
Tolerance
±50ppm
Frequency
Tolerance
±100ppm
Supply
Voltage
Temperature
Range
LM142
LM112
LM122
LM132
2.5Vdc
0 to 70°C
LM442
LM412
LM422
LM432
2.5Vdc
-20 to 70°C
LM342
LM312
LM322
LM332
2.5Vdc
0 to 85°C
x
x
LM222
LM232
2.5Vdc
-40 to 85°C
LM143
LM113
LM123
LM133
3.3Vdc
0 to 70°C
LM443
LM413
LM423
LM433
3.3Vdc
-20 to 70°C
LM343
LM313
LM323
LM333
3.3Vdc
0 to 85°C
x
x
LM223
LM233
3.3Vdc
-40 to 85°C
X = Models LM212, LM213, LM242 and LM243 are not currently available.
Example: LM123-155.52M = LVDS Clock, 0 to 70°C, +/-50ppm, 3.3Vdc @ 155.52 MHZ
Vod
Duty Cycle
Vod
0V
0V
0V
80%
20%
Vopp
t r
t f
Q
Q
Differential
Output
Waveform
peak-to-peak
Enable/
Disable
or
N/C
Enable/
Disable
or
N/C
100
ohm
100
ohm
0.01uF
Power
Supply
Power
Supply
Vcc
Ground
Q
Q
^ Models LM212, LM213, LM242 and LM243 are not currently available.


Số phần tương tự - LM123-155.52M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
LM123-15 SEME-LAB-LM123-15 Datasheet
65Kb / 7P
   3 AMP POSITIVE VOLTAGE REGULATORS
More results

Mô tả tương tự - LM123-155.52M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Connor-Winfield Corpora...
L143-155.52 CONNOR-WINFIELD-L143-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
CWX823-012288M CONNOR-WINFIELD-CWX823-012288M Datasheet
98Kb / 2P
   5.0x7.0mm Surface Mount CMOS Clock Oscillator Series
X123-133.33M CONNOR-WINFIELD-X123-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
P123-155.52 CONNOR-WINFIELD-P123-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM112-155.52M CONNOR-WINFIELD-PM112-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
logo
MTRONPTI
M2702 MTRONPTI-M2702 Datasheet
581Kb / 5P
   SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com