công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S105S6U6TR bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM8S105S6U6TR
Giải thích chi tiết về linh kiện  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I짼C
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105S6U6TR bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM8S105S6U6TR Datasheet HTML 5Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 6Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 7Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 8Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 9Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 10Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 11Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 12Page - STMicroelectronics STM8S105S6U6TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
Description
2
The STM8S105xx access line 8-bit microcontrollers offer from 16 to 32 Kbytes Flash program
memory, plus integrated true data EEPROM. They are referred to as medium-density devices
in the STM8S microcontroller family reference manual (RM0016).
All devices of the STM8S105xx access line provide the following benefits:
Reduced system cost
- Integrated true data EEPROM for up to 300 k write/erase cycles
- High system integration level with internal clock oscillators, watchdog and brown-out
reset.
Performance and robustness
- 16 MHz CPU clock frequency
- Robust I/O, independent watchdogs with separate clock source
- Clock security system
Short development cycles
- Applications scalability across a common family product architecture with compatible
pinout, memory map and and modular peripherals.
- Full documentation and a wide choice of development tools
Product longevity
- Advanced core and peripherals made in a state-of-the art technology
- A family of products for applications with 2.95 to 5.5 V operating supply
Table 2: STM8S105xx access line features
STM8S105K4
STM8S105K6
STM8S105S4
STM8S105S6
STM8S105C4
STM8S105C6
Device
32
32
44
44
48
48
Pin count
25
25
34
34
38
38
Maximum number
of GPIOs
23
23
31
31
35
35
Ext. Interrupt pins
8
8
8
8
9
9
Timer CAPCOM
channels
3
3
3
3
3
3
Timer
complementary
outputs
7
7
9
9
10
10
A/D Converter
channels
12
12
15
15
16
16
High sink I/Os
16K
32K
16K
32K
16K
32K
Medium density
Flash Program
memory (bytes)
1024
1024
1024
1024
1024
1024
Data EEPROM
(bytes)
2K
2K
2K
2K
2K
2K
RAM (bytes)
9/127
DocID14771 Rev 9
Description
STM8S105xx


Số phần tương tự - STM8S105S6U6TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8S105S6 STMICROELECTRONICS-STM8S105S6 Datasheet
1Mb / 121P
   Extended instruction set
September 2015 Rev 15
More results

Mô tả tương tự - STM8S105S6U6TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
February 2017
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
September 2010 Rev 6
STM8S103F3U6TR STMICROELECTRONICS-STM8S103F3U6TR Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 9
STM8S103F3M3 STMICROELECTRONICS-STM8S103F3M3 Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S005K6T6C STMICROELECTRONICS-STM8S005K6T6C Datasheet
1,006Kb / 103P
   Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I짼C
June 2012 Rev 3
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
STM8S005K6 STMICROELECTRONICS-STM8S005K6 Datasheet
1,006Kb / 103P
   Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com