công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08QE8CWL bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MC9S08QE8CWL bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 46 page Electrical Characteristics MC9S08QE8 Series Data Sheet, Rev. 7 Freescale Semiconductor 11 3.6 DC Characteristics This section includes information about power supply requirements and I/O pin characteristics. Table 7. DC Characteristics Num C Characteristic Symbol Condition Min. Typical1 Max. Unit 1 Operating voltage VDD rising VDD falling 2.02 1.8 3.6 V 2 C Output high voltage All I/O pins, low-drive strength VOH VDD > 1.8 V, ILoad = –2 mA VDD – 0.5 — — V P All I/O pins, high-drive strength VDD > 2.7 V, ILoad = –10 mA VDD – 0.5 — — C VDD > 1.8V, ILoad = –2 mA VDD – 0.5 — — 3 D Output high current Max total IOH for all ports IOHT —— — 100 mA 4 C Output low voltage All I/O pins, low-drive strength VOL VDD > 1.8 V, ILoad = 0.6 mA —— 0.5 V P All I/O pins, high-drive strength VDD > 2.7 V, ILoad = 10 mA —— 0.5 C VDD > 1.8 V, ILoad = 3 mA —— 0.5 D Output low current Max total IOL for all ports IOLT —— — 100 mA 5 6 P Input high voltage All digital inputs VIH VDD > 2.7 V 0.70 × V DD —— V CVDD > 1.8 V 0.85 × V DD —— 7 P Input low voltage All digital inputs VIL VDD > 2.7 V — — 0.35 × V DD CVDD > 1.8 V — — 0.30 × V DD 8C Input hysteresis All digital inputs Vhys — 0.06 x VDD —— mV 9P Input leakage current All input only pins (per pin) |IIn|VIn = VDD or VSS —— 1 μA 10 P Hi-Z (off-state) leakage current All input/output (per pin) |IOZ|VIn = VDD or VSS —— 1 μA 11 P Total leakage combined for all inputs and Hi-Z pins All input only and I/O |IOZTOT|VIn = VDD or VSS —— 2 μA 12a P Pullup, pulldown resistors All digital inputs, when enabled (all I/O pins other than PTA5/IRQ/TCLK/RESET RPU, RPD 17.5 — 52.5 k Ω — |
Số phần tương tự - MC9S08QE8CWL |
|
Mô tả tương tự - MC9S08QE8CWL |