công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08MM64VLK bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08MM64VLK
Giải thích chi tiết về linh kiện  Advanced Information
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08MM64VLK bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08MM64VLK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08MM64VLK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Devices in the MC9S08MM128 series
Freescale Semiconductor
3
1
Devices in the MC9S08MM128 series
The following table summarizes the feature set available in the MC9S08MM128 series of MCUs.
Table 1. MC9S08MM128 series Features by MCU and Package
Feature
MC9S08MM128
MC9S08MM64 MC9S08MM32 MC9S08MM32A
Pin quantity
81
80
64
64
64
64
FLASH size (bytes)
131072
65535
32768
32768
RAM size (bytes)
12K
12K
4K
2K
Programmable Analog Comparator (PRACMP)
yes
yes
yes
yes
Debug Module (DBG)
yes
yes
yes
yes
Multipurpose Clock Generator (MCG)
yes
yes
yes
yes
Inter-Integrated Communication (IIC)
yes
yes
yes
yes
Interrupt Request Pin (IRQ)
yes
yes
yes
yes
Keyboard Interrupt (KBI)
16
16
7
7
7
7
Port I/O1
1 Port I/O count does not include two (2) output-only and one (1) input-only pins.
47
46
33
33
33
33
Dedicated Analog Input Pins
12
12
12
12
Power and Ground Pins
8
8
8
8
Time Of Day (TOD)
yes
yes
yes
yes
Serial Communications (SCI1)
yes
yes
yes
yes
Serial Communications (SCI2)
yes
yes
yes
yes
Serial Peripheral Interface 1 (SPI1 (FIFO))
yes
yes
yes
yes
Serial Peripheral Interface 2 (SPI2)
yes
yes
yes
yes
Carrier Modulator Timer pin (IRO)
yes
yes
yes
yes
TPM input clock pin (TPMCLK)
yes
yes
yes
yes
TPM1 channels
4
4
4
4
TPM2 channels
4
4
2
2
2
2
XOSC1
yes
yes
yes
yes
XOSC2
yes
yes
yes
yes
USB
yes
yes
yes
no
Programmable Delay Block (PDB)
yes
yes
yes
yes
SAR ADC differential channels2
2 Each differential channel is comprised of 2 pin inputs.
443
3
3
3
SAR ADC single-ended channels
8
8
6
6
6
6
DAC ouput pin (DACO)
yes
yes
yes
yes
Voltage reference output pin (VREFO)
yes
yes
yes
yes
General Purpose OPAMP (OPAMP)
yes
yes
yes
yes
Trans-Impedance Amplifier (TRIAMP)
yes
yes
yes
yes
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Số phần tương tự - MC9S08MM64VLK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08MP12 FREESCALE-MC9S08MP12 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08MP12 NXP-MC9S08MP12 Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CLC NXP-MC9S08MP12E2CLC Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CLF NXP-MC9S08MP12E2CLF Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CWL NXP-MC9S08MP12E2CWL Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Mô tả tương tự - MC9S08MM64VLK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRS2158D IRF-IRS2158D_15 Datasheet
773Kb / 30P
   Advanced Information
logo
Freescale Semiconductor...
MC9S08LH64 FREESCALE-MC9S08LH64 Datasheet
960Kb / 44P
   Advanced Information
logo
IXYS Corporation
IXFK52N60Q2 IXYS-IXFK52N60Q2 Datasheet
552Kb / 2P
   Advanced Technical Information
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
   Advanced Information Preliminary
logo
IXYS Corporation
IXGA4N100 IXYS-IXGA4N100 Datasheet
107Kb / 2P
   ADVANCED TECHNICAL INFORMATION
IXA40PG1200DHGLB IXYS-IXA40PG1200DHGLB Datasheet
144Kb / 3P
   Advanced Technical Information
IXKR25N80C IXYS-IXKR25N80C Datasheet
116Kb / 2P
   Advanced Technical Information CoolMOS Power MOSFETin ISOPLUS247 Package
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com