công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QA2CPAE bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QA2CPAE
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA2CPAE bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S08QA2CPAE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MC9S08QA4 Series MCU Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
8
(VDD rising)
2.16
2.19
2.27
Power on reset (POR) re-arm voltage
Vpor
—1.4
V
Bandgap voltage reference
VBG
1.18
1.20
1.21
V
Input high voltage (VDD > 2.3 V) (all digital inputs)
VIH
0.70
× V
DD
——
V
Input high voltage (1.8 V
≤ V
DD ≤ 2.3 V) (all digital inputs)
0.85
× V
DD
——
Input low voltage (VDD > 2.3 V) (all digital inputs)
VIL
0.35
× V
DD
V
Input low voltage (1.8 V
≤ V
DD ≤ 2.3 V) (all digital inputs)
0.30
× V
DD
Input hysteresis (all digital inputs)
Vhys
0.06
× V
DD
——
V
Input leakage current (per pin)
VIn = VDD or VSS, all input-only pins
|IIn|
0.025
1.0
μA
High impedance (off-state) leakage current (per pin)
VIn = VDD or VSS, all input/output
|IOZ|
0.025
1.0
μA
Internal pullup resistors3,4
RPU
17.5
52.5
k
Ω
Internal pulldown resistor (KBI)
RPD
17.5
52.5
k
Ω
Output high voltage — low drive (PTxDSn = 0)
IOH = –2 mA (VDD ≥ 1.8 V)
VOH
VDD – 0.5
V
Output high voltage — high drive (PTxDSn = 1)
IOH = –10 mA (VDD ≥ 2.7 V)
IOH = –6 mA (VDD ≥ 2.3 V)
IOH = –3 mA (VDD ≥ 1.8 V)
VDD – 0.5
Maximum total IOH for all port pins
|IOHT|—
60
mA
Output low voltage — low drive (PTxDSn = 0)
IOL = 2.0 mA (VDD ≥ 1.8 V)
VOL
——
0.5
V
Output low voltage — high drive (PTxDSn = 1)
IOL = 10.0 mA (VDD ≥ 2.7 V)
IOL = 6 mA (VDD ≥ 2.3 V)
IOL = 3 mA (VDD ≥ 1.8 V)
0.5
0.5
0.5
Maximum total IOL for all port pins
IOLT
——
60
mA
DC injection current 2, 5, 6, 7
VIn < VSS, VIn > VDD
Single pin limit
Total MCU limit, includes sum of all stressed pins
IIC
–0.2
–5
0.2
5
mA
mA
Input capacitance (all non-supply pins)
CIn
——
7
pF
1 RAM will retain data down to POR voltage. RAM data not guaranteed to be valid following a POR.
2 This parameter is characterized and not tested on each device.
3 Measurement condition for pull resistors: V
In = VSS for pullup and VIn = VDD for pulldown.
4 PTA5/IRQ/TCLK/RESET pullup resistor may not pull up to the specified minimum V
IH. However, all ports are functionally tested
to guarantee that a logic 1 will be read on any port input when the pullup is enabled and no DC load is present on the pin.
5 All functional non-supply pins are internally clamped to V
SS and VDD.
Table 6. DC Characteristics (Temperature Range = –40 to 85
°C Ambient) (continued)
Parameter
Symbol
Min
Typical
Max
Unit


Số phần tương tự - MC9S08QA2CPAE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QA2CPAE FREESCALE-MC9S08QA2CPAE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
More results

Mô tả tương tự - MC9S08QA2CPAE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com