công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08MM128VLH bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08MM128VLH
Giải thích chi tiết về linh kiện  Advanced Information
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08MM128VLH bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC9S08MM128VLH Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08MM128VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Devices in the MC9S08MM128 series
Freescale Semiconductor
4
A complete description of the modules included on each device is provided in the following table.
The block diagram in Figure 1 shows the structure of the MC9S08MM128 series MCU.
Table 2. Versions of On-Chip Modules
Module
Version
Analog-to-Digital Converter (ADC16)
1
General Purpose Operational Amplifier (OPAMP)
1
Trans-Impedance Operational Amplifier (TRIAMP)
1
Digital to Analog Converter (DAC)
1
Programmable Delay Block
1
Inter-Integrated Circuit (IIC)
3
Central Processing Unit (CPU)
5
On-Chip In-Circuit Debug/Emulator (DBG)
3
Multi-Purpose Clock Generator (MCG)
3
Low Power Oscillator (XOSCVLP)
1
Carrier Modulator Timer (CMT)
1
Programable Analog Comparator (PRACMP)
2
Serial Communications Interface (SCI)
4
Serial Peripheral Interface (SPI)
5
Time of Day (TOD)
1
Universal Serial Bus (USB)1
1 USB Module not available on MC9S08MM32A devices.
1
Timer Pulse-Width Modulator (TPM)
3
System Integration Module (SIM)
1
Cyclic Redundancy Check (CRC)
3
Keyboard Interrupt (KBI)
2
Voltage Reference (VREF)
1
Voltage Regulator (VREG)
1
Interrupt Request (IRQ)
3
Flash Wrapper
1
GPIO
2
Port Control
1
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Số phần tương tự - MC9S08MM128VLH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08MP12 FREESCALE-MC9S08MP12 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08MP12 NXP-MC9S08MP12 Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CLC NXP-MC9S08MP12E2CLC Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CLF NXP-MC9S08MP12E2CLF Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CWL NXP-MC9S08MP12E2CWL Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Mô tả tương tự - MC9S08MM128VLH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRS2158D IRF-IRS2158D_15 Datasheet
773Kb / 30P
   Advanced Information
logo
Freescale Semiconductor...
MC9S08LH64 FREESCALE-MC9S08LH64 Datasheet
960Kb / 44P
   Advanced Information
logo
IXYS Corporation
IXFK52N60Q2 IXYS-IXFK52N60Q2 Datasheet
552Kb / 2P
   Advanced Technical Information
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
   Advanced Information Preliminary
logo
IXYS Corporation
IXGA4N100 IXYS-IXGA4N100 Datasheet
107Kb / 2P
   ADVANCED TECHNICAL INFORMATION
IXA40PG1200DHGLB IXYS-IXA40PG1200DHGLB Datasheet
144Kb / 3P
   Advanced Technical Information
IXKR25N80C IXYS-IXKR25N80C Datasheet
116Kb / 2P
   Advanced Technical Information CoolMOS Power MOSFETin ISOPLUS247 Package
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com