công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QA2 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QA2
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA2 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC9S08QA2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Electrical Characteristics
MC9S08QA4 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
11
3.7
Internal Clock Source (ICS) Characteristics
1 3 V values are 100% tested; 2 V values are characterized but not tested.
2 Typicals are measured at 25
°C.
3 Does not include any DC loads on port pins.
4 Most customers are expected to find that auto-wakeup from a stop mode can be used instead of the higher current wait mode.
Table 8. ICS Specifications (Temperature Range = –40 to 85
°C Ambient)
Characteristic
Symbol
Min
Typical1
1 Data in Typical column was characterized at 3.0 V, 25
°C, or is typical recommended value.
Max
Unit
Internal reference start-up time
tIRST
—60
100
μs
Average internal reference frequency — untrimmed
fint_ut
25
32.7
41.66
kHz
Average internal reference frequency — trimmed
fint_t
31.25
39.06
kHz
DCO output frequency range — untrimmed
fdco_ut
12.8
16.8
21.33
MHz
DCO output frequency range — trimmed
fdco_t
16
20
MHz
Resolution of trimmed DCO output frequency at fixed voltage and
temperature2
2 This parameter is characterized and not tested on each device.
Δf
dco_res_t
±0.1
±0.2
%fdco
Total deviation of DCO output from trimmed frequency2
At 8 MHz over full voltage and temperature range
At 8 MHz and 3.6 V from 0 to 70
°C
Δf
dco_t
–1.0 to 0.5
±0.5
±2
±1
%fdco
FLL acquisition time 2,3
3 This specification applies to any time the FLL reference source or reference divider is changed, trim value changed.
tAcquire
——
1.5
ms
Long term jitter of DCO output clock (averaged over 2 ms interval)
CJitter
—0.02
0.2
%fdco


Số phần tương tự - MC9S08QA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QA2 FREESCALE-MC9S08QA2 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA2CDNE FREESCALE-MC9S08QA2CDNE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA2CFQE FREESCALE-MC9S08QA2CFQE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA2CPAE FREESCALE-MC9S08QA2CPAE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
More results

Mô tả tương tự - MC9S08QA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com