công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QA2 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QA2
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA2 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QA2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MCU Block Diagram
MC9S08QA4 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
3
1
MCU Block Diagram
The block diagram, Figure 1, shows the structure of the MC9S08QA4 MCU.
Figure 1. MC9S08QA4 Series Block Diagram
2
Pin Assignments
This section shows the pin assignments in the packages available for the MC9S08QA4 series.
USER FLASH
USER RAM
(MC9S08QA4 = 4096 BYTES)
HCS08 CORE
CPU
BDC
NOTES:
1 Port pins are software configurable with pullup device if input port.
2 Port pins are software configurable for output drive strength.
3 Port pins are software configurable for output slew rate control.
4 IRQ contains a software configurable (IRQPDD) pullup device if PTA5 enabled as IRQ pin function (IRQPE = 1).
5 RESET contains integrated pullup device if PTA5 enabled as reset pin function (RSTPE = 1).
6 PTA4 contains integrated pullup device if BKGD enabled (BKGDPE = 1).
7 When pin functions as KBI (KBIPEn = 1) and associated pin is configured to enable the pullup device, KBEDGn can
be used to reconfigure the pullup as a pulldown device.
16-BIT TIMER/PWM
MODULE (TPM)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
RTI
COP
IRQ
LVD
8-BIT MODULO TIMER
MODULE (MTIM)
(MC9S08QA2 = 2048 BYTES)
VOLTAGE REGULATOR
PTA5//IRQ/TCLK/RESET
PTA4/ACMPO/BKGD/MS
PTA3/KBIP3/ADP3
PTA2/KBIP2/ADP2
PTA1/KBIP1/ADP1/ACMP–
PTA0/KBIP0/TPMCH0/ADP0/ACMP+
8-BIT KEYBOARD
INTERRUPT MODULE (KBI)
(MC9S08QA4 = 256 BYTES)
(MC9S08QA2 = 160BYTES)
DEBUG MODULE (DBG)
ANALOG COMPARATOR
(ACMP)
16 MHz INTERNAL CLOCK
SOURCE (ICS)
VSS
VDD
VSSA
VDDA
VREFL
VREFH
4
ANALOG-TO-DIGITAL
CONVERTER (ADC)
10-BIT
TPMCH0
ACMPO
ACMP–
TCLK
BKGD/MS
IRQ
ACMP+
4


Số phần tương tự - MC9S08QA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QA2 FREESCALE-MC9S08QA2 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA2CDNE FREESCALE-MC9S08QA2CDNE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA2CFQE FREESCALE-MC9S08QA2CFQE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA2CPAE FREESCALE-MC9S08QA2CPAE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
More results

Mô tả tương tự - MC9S08QA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com