công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QA4 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QA4
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA4 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S08QA4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MC9S08QA4 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
2
Table of Contents
1
MCU Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
2
Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
3.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
3.2
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . .5
3.3
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . .5
3.4
ESD Protection and Latch-Up Immunity . . . . . . . . . . . . .6
3.5
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
3.6
Supply Current Characteristics . . . . . . . . . . . . . . . . . . .10
3.7
Internal Clock Source (ICS) Characteristics . . . . . . . . .11
3.8
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.8.1
Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . 13
3.8.2
TPM/MTIM Module Timing . . . . . . . . . . . . . . . . 14
3.9
Analog Comparator (ACMP) Electricals . . . . . . . . . . . 15
3.10 ADC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 15
3.11 Flash Specifications. . . . . . . . . . . . . . . . . . . . . . . . . . . 17
4
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
5
Mechanical Drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Revision History
To provide the most up-to-date information, the revision of our documents on the World Wide Web will be the most current.
Your printed copy may be an earlier revision. To verify you have the latest information available, refer to:
http://freescale.com/
The following revision history table summarizes changes contained in this document.
Revision
Date
Description of Changes
1
1/2008
Initial public release
2
2/2008
Changed the designator of the device in Table 15.
3
1/2009
Changed the condition of Run supply current measured to fBus = 1 MHz in Table 7.
Fixed the error of inconsistent table number.
Related Documentation
Find the most current versions of all documents at: http://www.freescale.com
Reference Manual
(MC9S08QA4RM)
Contains extensive product information including modes of operation, memory,
resets and interrupts, register definition, port pins, CPU, and all module
information.


Số phần tương tự - MC9S08QA4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA4CDNE FREESCALE-MC9S08QA4CDNE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA4CFQE FREESCALE-MC9S08QA4CFQE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA4CPAE FREESCALE-MC9S08QA4CPAE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
More results

Mô tả tương tự - MC9S08QA4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com