công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QA4 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QA4
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA4 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC9S08QA4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08QA4 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Electrical Characteristics
MC9S08QA4 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
9
Figure 3. Pullup and Pulldown Typical Resistor Values (VDD = 3.0 V)
Figure 4. Typical Low-Side Driver (Sink) Characteristics Low Drive (PTxDSn = 0)
Figure 5. Typical Low-Side Driver (Sink) Characteristics High Drive (PTxDSn = 1)
6 Input must be current-limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive and negative clamp voltages, then use the larger of the two values.
7 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum current
conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could result
in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is present, or if
clock rate is very low (which would reduce overall power consumption).
PULLUP RESISTOR TYPICALS
VDD (V)
20
25
30
35
40
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
25°C
85°C
–40°C
PULLDOWN RESISTOR TYPICALS
VDD (V)
20
25
30
35
40
1.8
2.3
2.8
3.3
25°C
85°C
–40°C
3.6
TYPICAL VOL VS IOL AT VDD = 3.0 V
IOL (mA)
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
TYPICAL VOL VS VDD
VDD (V)
0
0.05
0.1
0.15
0.2
12
34
25°C
85°C
–40°C
25°C,
IOL = 2 mA
85°C,
IOL = 2 mA
–40°C,
IOL = 2 mA
TYPICAL VOL VS IOL AT VDD = 3.0 V
IOL (mA)
0
0.2
0.4
0.6
0.8
1
010
20
30
TYPICAL VOL VS VDD
VDD (V)
0
0.1
0.2
0.3
0.4
12
34
IOL = 6 mA
IOL = 3 mA
IOL = 10 mA
25°C
85°C
–40°C
25°C
85°C
–40°C


Số phần tương tự - MC9S08QA4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA4CDNE FREESCALE-MC9S08QA4CDNE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA4CFQE FREESCALE-MC9S08QA4CFQE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QA4CPAE FREESCALE-MC9S08QA4CPAE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
More results

Mô tả tương tự - MC9S08QA4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com