công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DV96F2CLH bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DV96F2CLH
Giải thích chi tiết về linh kiện  Microcontrollers
Download  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DV96F2CLH bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08DV96F2CLH Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08DV96F2CLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 458 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (20-MHz bus)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• FLASH read/program/erase over full operating voltage
and temperature
• EEPROM in-circuit programmable memory; 8-byte
single-page or 4-byte dual-page erase sector; Program
and Erase while executing FLASH; Erase abort
• Random-access memory (RAM)
Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time interrupt for use in run, wait,
and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce oscillator;
Crystal or ceramic resonator range of 31.25 kHz to
38.4 kHz or 1 MHz to 16 MHz
• Multi-purpose Clock Generator (MCG) — PLL and
FLL modes; reference clock with nonvolatile trim
(0.2% resolution, 1.5% tolerance over temperature with
internal temperature compensation); External reference
with oscillator/resonator options
System Protection
• Watchdog computer operating properly (COP) reset
with option to run from backup dedicated 1-kHz
internal clock source or bus clock; with optional
windowed operation
• Low-voltage detection with reset or interrupt; selectable
trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH and EEPROM block protect
• Loss-of-lock protection
Development Support
• Single-wire background debug interface
• On-chip, in-circuit emulation (ICE) with real-time bus
capture
Peripherals
• ADC — 24-channel, 12-bit resolution, 2.5
μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference channel
• ACMPx — Two analog comparators with selectable
interrupt on rising, falling, or either edge of comparator
output; compare option to fixed internal bandgap
reference voltage; runs in stop3 mode
• MSCAN — CAN protocol - Version 2.0 A, B; standard
and extended data frames; Support for remote frames;
Five receive buffers with FIFO storage scheme; Flexible
identifier acceptance filters programmable as: 2 x
32-bit, 4 x 16-bit, or 8 x 8-bit
• SCIx — Two SCIs supporting LIN 2.0 Protocol and
SAE J2602 protocols; Full duplex non-return to zero
(NRZ); Master extended break generation; Slave
extended break detection; Wakeup on active edge
• SPIx — Up to two SPIs; Full-duplex or single-wire
bidirectional; Double-buffered transmit and receive;
Master or Slave mode; MSB-first or LSB-first shifting
• IICx — Up to two IICs; Up to 100 kbps with maximum
bus loading; Multi-master operation; Programmable
slave address; General Call Address; Interrupt driven
byte-by-byte data transfer
• TPMx — One 6-channel (TPM1), one 2-channel
(TPM2) and one 4-channel (TPM3); Selectable input
capture, output compare, or buffered edge- and
center-aligned PWM on each channel.
• RTC — (Real-time counter) 8-bit modulus counter with
binary or decimal based prescaler; Real-time clock
capabilities using external crystal and RTC for precise
time base, time-of-day, calendar or task scheduling
functions; Free running on-chip low power oscillator
(1 kHz) for cyclic wake-up without external
components
Input/Output
• Up to 87 general-purpose input/output (I/O) pins and
1 input-only pin
• Up to 32 interrupt pins with selectable polarity on each
pin
• Hysteresis and configurable pull device on all input
pins.
• Configurable slew rate and drive strength on all output
pins.
Package Options
• 100-pin low-profile quad flat-pack(LQFP) — 14x14
mm
• 64-pin low-profile quad flat-pack (LQFP) — 10x10 mm
• 48-pin low-profile quad flat-pack (LQFP) — 7x7 mm
MC9S08
DZ128
MC9S08
DZ96
MC9S08
DV128
MC9S08
DV96
FLASH
128K
96K
128K
96K
EEPROM
2K
2K
RAM
8K
6K
6K
4K
MC9S08DZ128 Series Features


Số phần tương tự - MC9S08DV96F2CLH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DV16 FREESCALE-MC9S08DV16 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08DV16F1CLC FREESCALE-MC9S08DV16F1CLC Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08DV16F1CLF FREESCALE-MC9S08DV16F1CLF Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08DV16F1CLH FREESCALE-MC9S08DV16F1CLH Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08DV16F1MLC FREESCALE-MC9S08DV16F1MLC Datasheet
4Mb / 414P
   HCS08 Microcontrollers
More results

Mô tả tương tự - MC9S08DV96F2CLH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com