công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08LL36 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC9S08LL36 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 44 page MC9S08LL64 Series MCU Data Sheet, Rev. 4 Freescale Semiconductor 4 Figure 1. MC9S08LL64 Series Block Diagram ◊ ♦ VREFH • ∞ ♦ 12-BIT Pins are not available on 64-pin packages. LCD[8:12] and LCD[31:37] are not available on the 64-pin package. VREFH and VREFL are internally connected to VDDA and VSSA for the 64-pin package. VREFO2 is available only on the 64-pin package. When PTB2 is configured as RESET, the pin becomes bi-directional with output being an open-drain drive. When PTC6 is configured as BKGD, the pin becomes bi-directional. 8-BIT KEYBOARD INTERRUPT (KBI) IIC MODULE (IIC) SERIAL PERIPHERAL INTERFACE (SPI) USER FLASH B USER RAM ON-CHIP ICE DEBUG MODULE (DBG) (LL64 = 32,768 BYTES) HCS08 CORE CPU BKGD INT BKP 2-CHANNEL TIMER/PWM (TPM1) HCS08 SYSTEM CONTROL RESETS AND INTERRUPTS MODES OF OPERATION POWER MANAGEMENT COP IRQ LVD LOW-POWER OSCILLATOR INTERNAL CLOCK SOURCE (ICS) SERIAL COMMUNICATIONS 2-CHANNEL TIMER/PWM (TPM2) VSS VDD VOLTAGE REGULATOR USER FLASH A (LL36 = 24,576 BYTES) PTC7/IRQ/TCLK PTC5/TPM2CH1 PTC4/TPM2CH0 PTB5/MOSI/SCL PTB4/MISO/SDA PTB2/RESET PTB1/XTAL PTB0/EXTAL PTA7/KBIP7/ADP11/ACMP– PTA6/KBIP6/ADP10/ACMP+ PTA4/KBIP4/ADP8/LCD43 INTERFACE (SCI1) PTB7/TxD2/SS PTB6/RxD2/SPSCK TxD1 RxD1 SS SPSCK SCL SDA MOSI MISO VSSA VDDA XTAL EXTAL IRQ KBI[7:0] RESET TPM2CH0 ANALOG-TO-DIGITAL CONVERTER (ADC) ANALOG COMPARATOR (ACMP) ACMP+ ACMP– TIME OF DAY MODULE (TOD) TPM2CH1 TCLK TPM1CH0 TPM1CH1 TCLK PTA3/KBIP3/SCL/MOSI/ADP7 PTA2/KBIP2/SDA/MISO/ADP6 PTA1/KBIP1/SPSCK/ADP5 PTA0/KBIP0/SS/ADP4 PTD[7:0]/LCD[7:0] PTE[7:0]/LCD[13:20] PTC6/ACMPO//BKGD/MS (LL64 = 32,768 BYTES) (LL36 = 12,288 BYTES) 4 KB PTA5/KBIP5/ADP9/LCD42 ACMPO BKGD/MS SERIAL COMMUNICATIONS INTERFACE (SCI2) TxD2 RxD2 PTC3/TPM1CH1 PTC1/TxD1 PTC0/RxD1 PTC2/TPM1CH0 VLL1 VLCD (LCD) VLL2 VLL3 VCAP1 VCAP2 LIQUID CRYSTAL DISPLAY VREFL ADP[11:4] LCD[43:0] VREF2 VREF1 NOTES • ♦ • • • VREFO2 VREFO1 • ♦ ∞ ◊ ADP0 ADP12 ADP0 ADP12 |
Số phần tương tự - MC9S08LL36 |
|
Mô tả tương tự - MC9S08LL36 |