công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S105S6B3TR bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM8S105S6B3TR
Giải thích chi tiết về linh kiện  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I짼C
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105S6B3TR bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM8S105S6B3TR Datasheet HTML 1Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 2Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 3Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 4Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 5Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 6Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 7Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 8Page - STMicroelectronics STM8S105S6B3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
STM8S105xx
Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash,
integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
LQFP48 7x7
LQFP44 10x10
LQFP32 7x7
VFQFPN32 5x5
SDIP32 400 ml
UFQFPN32 5x5
Features
Core
16 MHz advanced STM8 core with Harvard
architecture and 3-stage pipeline
Extended instruction set
Memories
Medium-density Flash/EEPROM:
- Program memory up to 32 Kbytes; data
retention 20 years at 55°C after 10 kcycles
- Data memory up to 1 Kbytes true data
EEPROM; endurance 300 kcycles
RAM: Up to 2 Kbytes
Clock, reset and supply management
2.95 V to 5.5 V operating voltage
Flexible clock control, 4 master clock sources:
- Low power crystal resonator oscillator
- External clock input
- Internal, user-trimmable 16 MHz RC
- Internal low power 128 kHz RC
Clock security system with clock monitor
Power management:
- Low power modes (wait, active-halt, halt)
- Switch-off peripheral clocks individually
Permanentlyactive,lowconsumptionpower-on
and power-down reset
Interrupt management
Nested interrupt controller with 32 interrupts
Up to 37 external interrupts on 6 vectors
Timers
2x 16-bit general purpose timers, with 2+3
CAPCOM channels (IC, OC or PWM)
Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-time
insertion and flexible synchronization
8-bit basic timer with 8-bit prescaler
Auto wake-up timer
Window and independent watchdog timers
Communications interfaces
UART with clock output for synchronous
operation, Smartcard, IrDA, LIN
SPI interface up to 8 Mbit/s
I2C interface up to 400 Kbit/s
Analog-to-digital converter (ADC)
10-bit, ±1 LSB ADC with up to 10 multiplexed
channels, scan mode and analog watchdog
I/Os
Up to 38 I/Os on a 48-pin package including 16
high sink outputs
HighlyrobustI/Odesign,immuneagainstcurrent
injection
Development support
Embeddedsinglewireinterfacemodule(SWIM)
for fast on-chip programming and non intrusive
debugging
Unique ID
96-bit unique key for each device
Table 1: Device summary
Part number
Reference
STM8S105K4, STM8S105K6, STM8S105S4, STM8S105S6,
STM8S105C4, STM8S105C6
STM8S105xx
1/127
DocID14771 Rev 9
April 2010
www.st.com


Số phần tương tự - STM8S105S6B3TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8S105S6 STMICROELECTRONICS-STM8S105S6 Datasheet
1Mb / 121P
   Extended instruction set
September 2015 Rev 15
More results

Mô tả tương tự - STM8S105S6B3TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
February 2017
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
September 2010 Rev 6
STM8S103F3U6TR STMICROELECTRONICS-STM8S103F3U6TR Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 9
STM8S103F3M3 STMICROELECTRONICS-STM8S103F3M3 Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S005K6T6C STMICROELECTRONICS-STM8S005K6T6C Datasheet
1,006Kb / 103P
   Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I짼C
June 2012 Rev 3
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
STM8S005K6 STMICROELECTRONICS-STM8S005K6 Datasheet
1,006Kb / 103P
   Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com