công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08JS16 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08JS16
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
8
PD = Pint + PI/OPint = IDD × VDD, Watts — chip internal power
PI/O = Power dissipation on input and output pins — user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ
(if PI/O is neglected) is:
PD = K ÷ (TJ + 273°C)
Eqn. 2
Solving Equation 1 and Equation 2 for K gives:
K = PD × (TA + 273°C) + θJA × (PD)
2
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by
solving Equation 1 and Equation 2 iteratively for any value of TA.
3.4
Electrostatic Discharge (ESD) Protection Characteristics
Although damage from static discharge is much less common on these devices than on early CMOS
circuits, normal handling precautions must be used to avoid exposure to static discharge. Qualification
tests are performed to ensure that these devices can withstand exposure to reasonable levels of static
without suffering any permanent damage. This device was qualified to AEC-Q100 Rev E. A device is
considered to have failed if, after exposure to ESD pulses, the device no longer meets the device
specification requirements. Complete DC parametric and functional testing is performed per the applicable
device specification at room temperature followed by hot temperature, unless specified otherwise in the
device specification.
3.5
DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power
supply current in various operating modes.
Table 5. ESD Protection Characteristics
Parameter
Symbol
Value
Unit
ESD Target for Machine Model (MM) — MM circuit
description
VTHMM
200
V
ESD Target for Human Body Model (HBM) — HBM
circuit description
VTHHBM
2000
V
Table 6. DC Characteristics
Num C
Parameter
Symbol
Min
Typical1
Max
Unit
1
Operating voltage2
2.7
5.5
V


Số phần tương tự - MC9S08JS16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08JS16 NXP-MC9S08JS16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Mô tả tương tự - MC9S08JS16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com