công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08JS16 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08JS16
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Electrical Characteristics
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
7
3.3
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package
thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in
on-chip logic and it is user-determined rather than being controlled by the MCU design. In order to take
PI/O into account in power calculations, determine the difference between actual pin voltage and VSS or
VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high pin current (heavy
loads), the difference between pin voltage and VSS or VDD will be very small.
The average chip-junction temperature (TJ) in °C can be obtained from:
TJ = TA + (PD × θJA)
Eqn. 1
where:
TA = Ambient temperature, °C
θJA = Package thermal resistance, junction-to-ambient, °C/W
1 Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp
voltages, then use the larger of the two resistance values.
2 All functional non-supply pins are internally clamped to V
SS and VDD.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and
operating maximum current conditions. If positive injection current (VIn > VDD) is greater than
IDD, the injection current may flow out of VDD and could result in external power supply going
out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if
no system clock is present, or if the clock rate is very low which would reduce overall power
consumption.
Table 4. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range (packaged)
TA
TL to TH
-40 to 85
°C
Thermal resistance 1,2,3,4
24-pin QFN
1s
2s2p
20-pin SOIC
1s
2s2p
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal
resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation
of other components on the board, and board thermal resistance
2 Junction to Ambient Natural Convection
3 1s — Single layer board, one signal layer
4 2s2p — Four layer board, 2 signal and 2 power layers
θ
JA
92
33
86
58
°C/W


Số phần tương tự - MC9S08JS16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08JS16 NXP-MC9S08JS16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Mô tả tương tự - MC9S08JS16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com