công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08JS16 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08JS16
Giải thích chi tiết về linh kiện  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
6
3
Electrical Characteristics
This chapter contains electrical and timing specifications.
3.1
Parameter Classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the
customer a better understanding, the following classification is used and the parameters are tagged
accordingly in the tables where appropriate:
NOTE
The above classifications are used in the column labeled “C” in applicable
tables of this data sheet.
3.2
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not
guaranteed. Stress beyond the limits specified in Table 3 may affect device reliability or cause permanent
damage to the device. For functional operating conditions, refer to the remaining tables in this section.
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for instance, either VSS or VDD).
Table 2. Parameter Classifications
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a
statistically relevant sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from
typical devices under typical conditions unless otherwise noted. All values shown in the
typical column are within this category.
D
Those parameters are derived mainly from simulations.
Table 3. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VDD
2.7 to 5.5
V
Input voltage
VIn
–0.3 to VDD + 0.3
V
Instantaneous maximum current
Single pin limit
(applies to all port pins)1, 2, 3
ID
±25
mA
Maximum current into VDD
IDD
120
mA
Storage temperature
Tstg
–55 to 150
°C
Maximum junction temperature
TJ
150
°C


Số phần tương tự - MC9S08JS16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08JS16 NXP-MC9S08JS16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Mô tả tương tự - MC9S08JS16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com