công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08AC96MFUE bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08AC96MFUE
Giải thích chi tiết về linh kiện  MC9S08AC128 8-Bit Microcontroller Data Sheet
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08AC96MFUE bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08AC96MFUE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08AC96MFUE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
824D-02
MC9S08AC128
840B-01
917A-03
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MC9S08AC128
Rev. 2, 6/2009
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
MC9S08AC128 8-Bit
Microcontroller Data Sheet
8-Bit HCS08 Central Processor Unit (CPU)
40-MHz HCS08 CPU (central processor unit)
20-MHz internal bus frequency
HC08 instruction set with added BGND, CALL and
RTC instructions
Memory Management Unit to support paged
memory.
Linear Address Pointer to allow direct page data
accesses of the entire memory map
Development Support
Background debugging system
Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
On-chip in-circuit emulator (ICE) Debug module
containing three comparators and nine trigger
modes. Eight deep FIFO for storing change-of-flow
addresses and event-only data. Supports both tag
and force breakpoints.
Memory Options
Up to 128K FLASH — read/program/erase over full
operating voltage and temperature
Up to 8K Random-access memory (RAM)
Security circuitry to prevent unauthorized access to
RAM and FLASH contents
Clock Source Options
Clock source options include crystal, resonator,
external clock, or internally generated clock with
precision NVM trimming using ICG module
System Protection
Optional computer operating properly (COP) reset
with option to run from independent internal clock
source or bus clock
CRC module to support fast cyclic redundancy
checks on system memory
Low-voltage detection with reset or interrupt
Illegal opcode detection with reset
Master reset pin and power-on reset (POR)
Power-Saving Modes
Wait plus two stops
Peripherals
ADC — 16-channel, 10-bit resolution, 2.5
μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference
channel
SCIx — Two serial communications interface
modules supporting LIN 2.0 Protocol and SAE J2602
protocols; Full duplex non-return to zero (NRZ);
Master extended break generation; Slave extended
break detection; Wakeup on active edge
SPIx — One full and one master-only serial
peripheral interface modules; Full-duplex or
single-wire bidirectional; Double-buffered transmit
and receive; Master or Slave mode; MSB-first or
LSB-first shifting
IIC — Inter-integrated circuit bus module; Up to 100
kbps with maximum bus loading; Multi-master
operation; Programmable slave address; Interrupt
driven byte-by-byte data transfer; supports broadcast
mode and 10 bit addressing
TPMx — One 2-channel and two 6-channel 16-bit
timer/pulse-width modulator (TPM) modules:
Selectable input capture, output compare, and
edge-aligned PWM capability on each channel. Each
timer module may be configured for buffered,
centered PWM (CPWM) on all channels
KBI — 8-pin keyboard interrupt module
Input/Output
Up to 70 general-purpose input/output pins
Software selectable pullups on input port pins
Software selectable drive strength and slew rate
control on ports when used as outputs
Package Options
80-pin low-profile quad flat package (LQFP)
64-pin quad flat package (QFP)
44-pin low-profile quad flat package (LQFP)


Số phần tương tự - MC9S08AC96MFUE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08AC96 FREESCALE-MC9S08AC96 Datasheet
553Kb / 42P
   8-Bit Microcontroller
More results

Mô tả tương tự - MC9S08AC96MFUE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
logo
Freescale Semiconductor...
S9S08SC4E0MTG FREESCALE-S9S08SC4E0MTG Datasheet
638Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
   8 Bit Micro-controller Data Sheet
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com