công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S105S4T6C bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
STM8S105S4T6C bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
4 / 127 page List of tables Table 1. Device summary .........................................................................................................................1 Table 2. STM8S105xx access line features .............................................................................................9 Table 3. Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers ..................................15 Table 4. TIM timer features ...................................................................................................................17 Table 5. Legend/abbreviations ..............................................................................................................21 Table 6. Pin description for STM8S105 microcontrollers .......................................................................25 Table 7. Flash, Data EEPROM and RAM boundary addresses ..........................................................108 Table 8. I/O port hardware register map ..............................................................................................113 Table 9. General hardware register map ................................................................................................33 Table 10. CPU/SWIM/debug module/interrupt controller registers ......................................................114 Table 11. Interrupt mapping ....................................................................................................................50 Table 12. Option bytes ..........................................................................................................................57 Table 13. Option byte description ...........................................................................................................53 Table 14. Description of alternate function remapping bits [7:0] of OPT2 ..............................................55 Table 15. Unique ID registers (96 bits) ...................................................................................................57 Table 16. Voltage characteristics ...........................................................................................................59 Table 17. Current characteristics ...........................................................................................................60 Table 18. Thermal characteristics ..........................................................................................................61 Table 19. General operating conditions .................................................................................................62 Table 20. Operating conditions at power-up/power-down ......................................................................63 Table 21. Total current consumption with code execution in run mode at VDD = 5 V .............................64 Table 22. Total current consumption with code execution in run mode at VDD = 3.3 V ..........................76 Table 23. Total current consumption in wait mode at VDD = 5 V ............................................................67 Table 24. Total current consumption in wait mode at VDD = 3.3 V .........................................................68 Table 25. Total current consumption in active halt mode at VDD = 5 V ..................................................68 Table 26. Total current consumption in active halt mode at VDD = 3.3 V ...............................................69 Table 27. Total current consumption in halt mode at VDD = 5 V .............................................................70 Table 28. Total current consumption in halt mode at VDD = 3.3 V ..........................................................71 Table 29. Wakeup times .........................................................................................................................71 Table 30. Total current consumption and timing in forced reset state ..................................................104 Table 31. Peripheral current consumption .............................................................................................72 Table 32. HSE user external clock characteristics .................................................................................76 Table 33. HSE oscillator characteristics .................................................................................................77 Table 34. HSI oscillator characteristics ..................................................................................................78 Table 35. LSI oscillator characteristics ...................................................................................................80 Table 36. RAM and hardware registers ..................................................................................................81 Table 37. Flash program memory/data EEPROM memory ....................................................................81 Table 38. I/O static characteristics .........................................................................................................82 Table 39. Output driving current (standard ports) ..................................................................................84 Table 40. Output driving current (true open drain ports) ........................................................................85 Table 41. Output driving current (high sink ports) ..................................................................................85 Table 42. NRST pin characteristics ........................................................................................................91 Table 43. SPI characteristics ..................................................................................................................94 Table 44. I 2C characteristics ..................................................................................................................97 Table 45. ADC characteristics ................................................................................................................98 Table 46. ADC accuracy with RAIN < 10 kΩ , VDDA= 5 V .......................................................................99 Table 47. ADC accuracy with RAIN < 10 kΩ RAIN, VDDA = 3.3 V ..........................................................100 DocID14771 Rev 9 4/127 STM8S105xx List of tables |
Số phần tương tự - STM8S105S4T6C |
|
Mô tả tương tự - STM8S105S4T6C |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |