công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08LL16 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08LL16
Giải thích chi tiết về linh kiện  Implementing a Glucometer and Blood Pressure Monitor Medical Devices
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL16 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9S08LL16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Intialization range arrays:
UINT16 Range1[] = {179,…………………………………………………………………………... ,275};
UINT16 Range2[] = {275, ………………………………………………………………………….. ,391};
UINT16 Range3[] = {384, ………………………………………………………………………….. ,545};
UINT16 Range4[] = {545, ………………………………………………………………………….. ,763};
The TakeSample function disables the ADC and displays the results on the LCD.
DisplayResults();
vfnLCD_All_Segments_OFF ();
TASK=5;
4 Blood Pressure Monitor and Hypertension
Because hypertension (high blood pressure) becoming more and more common, technology has had to develop medical devices
to help control these diseases. These portable devices allow monitoring blood pressure at home.
4.1 Hypertension Fundamentals
Hypertension or high blood pressure is a condition when the blood pressure in the arteries is chronically elevated. In every heart
beat, the heart pumps blood through the arteries to rest of the body. Blood pressure is the force of the blood that is pushing up
against the walls of the blood vessels. If the pressure is too high, the heart has to work harder to pump and this can lead to
several diseases. A blood pressure monitor is a device used to measure arterial pressure as blood is pumped away from the heart.
Typically, from a user's perspective, a monitor includes an inflatable cuff to restrict blood flow and a manometer (pressure
meter) to measure the blood pressure. From a system designer’s perspective a blood pressure monitor is more complex. It
consists of a power supply, motor, memory, pressure sensor, and user interfaces that can include a display, keypad, or touchpad,
and audio as well as optional USB or wireless communication interfaces. For more information go to the Blood Pressure Monitors
webpage.
Implementing a Glucometer and Blood Pressure Monitor Medical Devices, Rev. 1, 4/2010
Freescale Semiconductor, Inc.
6
Blood Pressure Monitor and Hypertension


Số phần tương tự - MC9S08LL16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
957Kb / 44P
   MC9S08LL16 Series
logo
NXP Semiconductors
MC9S08LL16 NXP-MC9S08LL16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Mô tả tương tự - MC9S08LL16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
DRM101 FREESCALE-DRM101 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
logo
JL World Company Limite...
MPS-200G JLWORLD-MPS-200G Datasheet
2Mb / 7P
   Disposable Blood Pressure Sensor
logo
Holtek Semiconductor In...
BH66F2260 HOLTEK-BH66F2260 Datasheet
7Mb / 214P
   R-Sensor Blood Pressure Meter Flash MCU
BH67F2260 HOLTEK-BH67F2260 Datasheet
12Mb / 253P
   R-Sensor Blood Pressure Meter Flash MCU with LCD
logo
Laird Tech Smart Techno...
BT900-SA-0X LSTD-BT900-SA-0X Datasheet
2Mb / 46P
   Medical devices
logo
Greystone Energy System...
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
   ROOM PRESSURE MONITOR
PS-RPC GREYSTONE-PS-RPC Datasheet
179Kb / 2P
   ROOM PRESSURE MONITOR
logo
OmniVision Technologies...
OV6922 OMNIVISION-OV6922 Datasheet
2Mb / 2P
   Medical Devices
logo
STMicroelectronics
AN1216 STMICROELECTRONICS-AN1216 Datasheet
198Kb / 11P
   Implementing a periodic alarm with TIMEKEEPER
AN2967 STMICROELECTRONICS-AN2967 Datasheet
169Kb / 9P
   Implementing a driven shield on STM8T and STM8TS capacitive sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com