công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S12DJ128 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC9S12DJ128 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 140 page Device User Guide — 9S12DT128DGV2/D V02.17 4 Freescale Semiconductor V02.07 29 Jan 2003 29 Jan 2003 Added 3L40K mask set in section 1.6 Corrected register entries in section 1.5.1 “Detailed Memory Map” Updated description for ROMCTL in section 2.3.31 Updated section 4.3.3 “Unsecuring the Microcontroller” Corrected and updated device-specific information for OSC (section 8.1) & Byteflight (section 15.1) Updated footnote in Table A-4 “Operating Conditions” Changed reference of VDDM to VDDR in section A.1.8 Removed footnote on input leakage current in Table A-6 “5V I/O Characteristics” V02.08 26 Feb 2003 26 Feb 2003 Added part numbers MC9S12DT128E, MC9S12DG128E, and MC9S12DJ128E in “Preface” and related part number references Removed mask sets 0L40K and 2L40K from Table 1-3 V02.09 15 Oct 2003 15 Oct 2003 Replaced references to HCS12 Core Guide by the individual HCS12 Block guides in Table 0-2, section 1.5.1, and section 6; updated Fig.3-1 “Clock Connections” to show the individual HCS12 blocks Corrected PIM module name and document order number in Table 0-2 “Document References” Corrected ECT pulse accumulators description in section 1.2 “Features” Corrected KWP5 pin name in Fig 2-1 112LQFP pin assignments Corrected pull resistor CTRL/reset states for PE7 and PE4-PE0 in Table 2.1 “Signal Properties” Mentioned “S12LRAE” bootloader in Flash section 17 Corrected footnote on clamp of TEST pin under Table A-1 “Absolute Maximum Ratings” Corrected minimum bus frequency to 0.25MHz in Table A-4 “Operating Conditions” Replaced “burst programming” by “row programming” in A.3 “NVM, Flash and EEPROM” Corrected blank check time for EEPROM in Table A-11 “NVM Timing Characteristics” Corrected operating frequency in Table A-18 “SPI Master/Slave Mode Timing Characteristics V02.10 6 Feb 2004 6 Feb 2004 Added A128 information in “Derivative Differences”, 2.1 “Device Pinout”, 2.2 “Signal Properties Summary”, Fig 23-2 & Fig 23-4 Added lead-free package option (PVE) in Table 0-2 “Derivative Differences for MC9S12DB128” and Fig 0-1 “Order Partnumber Example” Added an “AEC qualified” row in the “Derivative Differences” tables 0-1 & 0-2. V02.11 3 May 2004 3 May 2004 Added part numbers SC515846, SC515847, SC515848, and SC515849 in “Derivative Differences” tables 0-1 & 0-2, section 2, and section 23. Corrected and added maskset 4L40K in tables 0-1 & 0-2 and section 1.6. Corrected BDLC module availability in DB128 80QFP part in “Derivative Differences” table 0-2. Version Number Revision Date Effective Date Author Description of Changes |
Số phần tương tự - MC9S12DJ128 |
|
Mô tả tương tự - MC9S12DJ128 |