công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16C752C bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16C752C
Giải thích chi tiết về linh kiện  DUAL UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL16C752C bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TL16C752C Datasheet HTML 5Page - Texas Instruments TL16C752C Datasheet HTML 6Page - Texas Instruments TL16C752C Datasheet HTML 7Page - Texas Instruments TL16C752C Datasheet HTML 8Page - Texas Instruments TL16C752C Datasheet HTML 9Page - Texas Instruments TL16C752C Datasheet HTML 10Page - Texas Instruments TL16C752C Datasheet HTML 11Page - Texas Instruments TL16C752C Datasheet HTML 12Page - Texas Instruments TL16C752C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TL16C752C
www.ti.com .................................................................................................................................................... SLLS646A – MARCH 2008 – REVISED AUGUST 2009
Table 1. Software Flow Control Options EFR[3:0]
BIT 3
BIT 2
BIT 1
BIT 0
Tx, Rx SOFTWARE FLOW CONTROLS
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1, Xoff1
0
1
X
X
Transmit Xon2, Xoff2
1
1
X
X
Transmit Xon1, Xon2: Xoff1, Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1, Xoff1 X X 0 1
X
X
0
1
Receiver compares Xon2, Xoff2
Transmit Xon1, Xoff1
1
0
1
1
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
Transmit Xon2, Xoff2
0
1
1
1
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
Transmit Xon1, Xon2: Xoff1, Xoff2
1
1
1
1
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
No transmit flow control
0
0
1
1
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
When software flow control operation is enabled, the TL16C752C compares incoming data with Xoff1/2
programmed characters (in certain cases Xoff1 and Xoff2 must be received sequentially(1)). When an Xoff
character is received, transmission is halted after completing transmission of the current character. Xoff character
detection also sets IIR[4] and causes INT to go high (if enabled via IER[5]).
To resume transmission an Xon1/2 character must be received (in certain cases Xon1 and Xon2 must be
received sequentially). When the correct Xon characters are received IIR[4] is cleared and the Xoff interrupt
disappears.
NOTE
If a parity, framing or break error occurs while receiving a software flow control
character, this character is treated as normal data and is written to the RCV FIFO.
Xoff1/2 characters are transmitted when the RX FIFO has passed the programmed trigger level TCR[3:0].
Xon1/2 characters are transmitted when the RX FIFO reaches the trigger level programmed via TCR[7:4].
NOTE
If, after an Xoff character has been sent, software flow control is disabled, the UART
transmits Xon characters automatically to enable normal transmission to proceed. A
feature of the TL16C752C UART design is that if the software flow combination
(EFR[3:0]) changes after an Xoff has been sent, the originally programmed Xon is
automatically sent. If the RX FIFO is still above the trigger level the newly
programmed Xoff1/2 is transmitted.
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an ordinary byte from the
FIFO. This means that even if the word length is set to be 5, 6, or 7 characters, then the 5, 6, or 7 least
significant bits of Xoff1,2/Xon1,2 are transmitted. The transmission of 5, 6, or 7 bits of a character is seldom
done, but this functionality is included to maintain compatibility with earlier designs.
It is assumed that software flow control and hardware flow control are never enabled simultaneously. Figure 4
shows a software flow control example.
(1)
When pairs of Xon/Xoff characters are programmed to occur sequentially, received Xon1/Xoff1 characters will be written to the Rx FIFO
if the subsequent character is not Xon2/Xoff2.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TL16C752C


Số phần tương tự - TL16C752C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CI-Q1 TI1-TL16C752CI-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
TL16C752CIPFBRQ1 TI1-TL16C752CIPFBRQ1 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
More results

Mô tả tương tự - TL16C752C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com