công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16C752C bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TL16C752C
Giải thích chi tiết về linh kiện  DUAL UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL16C752C bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TL16C752C_09 Datasheet HTML 1Page - Texas Instruments TL16C752C_09 Datasheet HTML 2Page - Texas Instruments TL16C752C_09 Datasheet HTML 3Page - Texas Instruments TL16C752C_09 Datasheet HTML 4Page - Texas Instruments TL16C752C_09 Datasheet HTML 5Page - Texas Instruments TL16C752C_09 Datasheet HTML 6Page - Texas Instruments TL16C752C_09 Datasheet HTML 7Page - Texas Instruments TL16C752C_09 Datasheet HTML 8Page - Texas Instruments TL16C752C_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1
2
3
4
5
6
7
8
23
24
22
21
20
19
18
17
D6
D7
RXB
RXA
TXA
TXB
CSA
CSB
RESET
DTRB
DTRA
RTSA
INTA
INTB
A0
A1
TL16C752CRHB
TL16C752C
www.ti.com .................................................................................................................................................... SLLS646A – MARCH 2008 – REVISED AUGUST 2009
RHB PACKAGE
(TOP VIEW)
NOTE: The 32-pin RHB package does not provide access to DSRA, DSRB, RIA, RIB, CDA, CDB inputs or OPA, OPB,
RXRDYA, RXRDYB, TXRDYA outputs.
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PFB
RHB
Address bit 0 select. Internal registers address selection. Refer to Table 9 for Register
A0
28
18
I
Address Map.
Address bit 1 select. Internal registers address selection. Refer to Table 9 for Register
A1
27
17
I
Address Map.
Address bit 2 select. Internal registers address selection. Refer to Table 9 for Register
A2
26
16
I
Address Map.
Carrier detect (active low). These inputs are associated with individual UART channels A
CDA, CDB,
40, 16
I
through B. A low on these pins indicates that a carrier has been detected by the modem
for that channel.
Chip select A and B (active low). These pins enable data transfers between the user
CSA, CSB,
10, 11
7, 8
I
CPU and the TL16C752C for the channel(s) addressed. Individual UART sections (A, B,
C, D) are addressed by providing a low on the respective CSA through CSD pin.
Clear to send (active low). These inputs are associated with individual UART channels A
and B. A low on the CTS pins indicates the modem or data set is ready to accept
CTSA, CTSB,
38, 23
25, 15
I
transmit data from the TL16C752C. Status can be checked by reading MSR[4]. These
pins only affect the transmit and receive operations when auto CTS function is enabled
through the enhanced feature register (EFR[7]), for hardware flow control operation.
Data bus (bidirectional). These pins are the eight-bit, 3-state data bus for transferring
D0–D4,
44–48,
27–31
I/O
information to or from the controlling CPU. D0 is the least significant bit and the first data
D5–D7
1–3
32, 1, 2
bit in a transmit or receive serial data stream.
Data set ready (active low). These inputs are associated with individual UART channels
DSRA, DSRB,
39, 20
I
A through B. A low on these pins indicates the modem or data set is powered on and is
ready for data exchange with the UART.
Data terminal ready (active low). These outputs are associated with individual UART
channels A through B. A low on these pins indicates that the TL16C752C is powered on
and ready. These pins can be controlled through the modem control register. Writing a 1
DTRA, DTRB,
34, 35
22, 23
O
to MCR[0] sets the DTR output to low, enabling the modem. The output of these pins is
high after writing a 0 to MCR[0], or after a reset. These pins can also be used in the
RS-485 mode to control an external RS-485 driver or transceiver.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL16C752C


Số phần tương tự - TL16C752C_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
TL16C752CIPFBRQ1 TI1-TL16C752CIPFBRQ1 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
TL16C752CIRHB TI-TL16C752CIRHB Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Mô tả tương tự - TL16C752C_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com