công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM311PE4 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
LM311PE4 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 28 page LM111, LM211, LM311 DIFFERENTIAL COMPARATORS WITH STROBES SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† NOTE A: Condition 1 is with BALANCE and BAL/STRB open. Condition 2 is with BALANCE and BAL/STRB connected to VCC+. Figure 1 10 8 4 2 0 18 6 −60 −40 −20 0 20 40 60 14 12 16 INPUT OFFSET CURRENT vs FREE-AIR TEMPERATURE 20 80 100 120 140 TA − Free-Air Temperature − °C LM311 Condition 2 Condition 1 LM111 LM211 LM111 LM211 LM311 VCC± = ±15 V VO = 1 V to 14 V See Note A NOTE A: Condition 1 is with BALANCE and BAL/STRB open. Condition 2 is with BALANCE and BAL/STRB connected to VCC+. Figure 2 250 200 100 50 0 450 150 −60 −40 −20 0 20 40 60 350 300 400 500 80 100 120 140 INPUT BIAS CURRENT vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C LM311 LM311 LM111 LM211 Condition 2 VCC± = ±15 V VO = 1 V to 14 V See Note A LM111 LM211 Condition 1 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |
Số phần tương tự - LM311PE4 |
|
Mô tả tương tự - LM311PE4 |