công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1209 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1209
Giải thích chi tiết về linh kiện  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1209 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1209 Datasheet HTML 1Page - Texas Instruments ADS1209 Datasheet HTML 2Page - Texas Instruments ADS1209 Datasheet HTML 3Page - Texas Instruments ADS1209 Datasheet HTML 4Page - Texas Instruments ADS1209 Datasheet HTML 5Page - Texas Instruments ADS1209 Datasheet HTML 6Page - Texas Instruments ADS1209 Datasheet HTML 7Page - Texas Instruments ADS1209 Datasheet HTML 8Page - Texas Instruments ADS1209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADS1209
www.ti.com
SBAS491 – FEBRUARY 2010
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, AVDD to AGND
4.5
5
5.5
V
Low-voltage levels
2.7
3.0
3.6
V
Supply voltage, BVDD to BGND
5V logic levels
4.5
5
5.5
V
Reference input voltage, VREF
0.5
2.5
2.6
V
Operating common-mode signal
0
AVDD
V
–0.92 ×
+0.92 ×
Analog inputs
+IN – (–IN)
V
VREF
VREF
External clock(1)
16
20
24
MHz
Operating ambient temperature range, TOA
–40
+125
°C
Specified ambient temperature range, TA
–40
+105
°C
(1)
With reduced accuracy, clock can go from 1MHz up to 33MHz; see Typical Characteristic curves.
ELECTRICAL CHARACTERISTICS
Over operating ambient temperature range of –40°C to +105°C, AVDD = 5V, BVDD = 3V, CHx+ = 0.2V to 4.8V, CHx– =
2.5V, VREFIN = VREFOUT = 2.5V (internal), CLKIN = 20MHz, and 16-bit Sinc
3 filter with OSR = 256, unless otherwise noted.
ADS1209
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY
VIN = ±2.3VPP
–8
±3.8
+8
LSB
INL
Integral linearity error(2)
VIN = ±2.0VPP
–4
±1.8
+4
LSB
Integral linearity match
1
4
LSB
DNL
Differential nonlinearity
–1
+1
LSB
VOS
Input offset error
–3
±1.5
+3
mV
Input offset error match
0.2
2
mV
TCVOS
Input offset error thermal drift
–8
1
+8
mV/°C
GERR
Gain error
Referenced to VREFIN
–0.5
±0.02
+0.5
% FSR
Gain error match
0.1
0.5
% FSR
TCGERR
Gain error thermal drift
±1.3
ppm/°C
PSRR
Power-supply rejection ratio
4.5V < AVDD < 5.5V
82
dB
ANALOG INPUTS
Full-scale differential input voltage
FSR
(CHx+) – (CHx–); CHx– = 2.5V
–VREFIN
+VREFIN
V
range
Specified differential input voltage
–0.92 ×
+0.92 ×
(CHx+) – (CHx–); CHx– = 2.5V
V
range
VREF
VREF
Absolute operating input voltage
0
AVDD
V
range
CI
Input capacitance
CHx to AGND
3
pF
IIL
Input leakage current
Clock turned off
–1
1
µA
RID
Differential input resistance
100
k
CID
Differential input capacitance
2.5
pF
At dc
108
dB
CMRR
Common-mode rejection ratio
VIN = ±1.25VPP at 40kHz
117
dB
BW
Bandwidth
Full-scale sine wave, –3dB
50
MHz
(1)
All typical values are at TA = +25°C.
(2)
Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range, expressed either
as the number of LSBs or as a percent of specified input range (4.6V).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1209


Số phần tương tự - ADS1209

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPW TI-ADS1209SPW Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPWR TI-ADS1209SPWR Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Mô tả tương tự - ADS1209

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com