công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC1003D160 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện DAC1003D160
Giải thích chi tiết về linh kiện  Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1003D160 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  DAC1003D160 Datasheet HTML 1Page - NXP Semiconductors DAC1003D160 Datasheet HTML 2Page - NXP Semiconductors DAC1003D160 Datasheet HTML 3Page - NXP Semiconductors DAC1003D160 Datasheet HTML 4Page - NXP Semiconductors DAC1003D160 Datasheet HTML 5Page - NXP Semiconductors DAC1003D160 Datasheet HTML 6Page - NXP Semiconductors DAC1003D160 Datasheet HTML 7Page - NXP Semiconductors DAC1003D160 Datasheet HTML 8Page - NXP Semiconductors DAC1003D160 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DAC1003D160_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
4 of 19
NXP Semiconductors
DAC1003D160
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
VCCD
10
S
digital supply voltage
I9
11
I
I data input bit 9 (Most Significant Bit (MSB))
I8
12
I
I data input bit 8
I7
13
I
I data input bit 7
I6
14
I
I data input bit 6
I5
15
I
I data input bit 5
I4
16
I
I data input bit 4
DGND
17
G
digital ground
DEC
18
O
decoupling node
I3
19
I
I data input bit 3
I2
20
I
I data input bit 2
I1
21
I
I data input bit 1
I0
22
I
I data input bit 0 (Least Significant Bit (LSB))
n.c.
23
I
not connected
n.c.
23
I
not connected
DGND
25
G
digital ground
DEC
26
O
decoupling node
n.c.
27
I
not connected
n.c.
28
I
not connected
DGND
29
G
digital ground
DGND
30
G
digital ground
Q9
31
I
Q data input bit 9 (MSB)
Q8
32
I
Q data input bit 8
Q7
33
I
Q data input bit 7
Q6
34
I
Q data input bit 6
DGND
35
G
digital ground
DEC
36
O
decoupling node
Q5
37
I
Q data input bit 5
Q4
38
I
Q data input bit 4
Q3
39
I
Q data input bit 3
Q2
40
I
Q data input bit 2
Q1
41
I
Q data input bit 1
Q0
42
I
Q data input bit 0 (LSB)
DEC
43
O
decoupling node
DGND
44
G
digital ground
n.c.
45
I
not connected
n.c.
46
I
not connected
n.c.
47
I
not connected
n.c.
48
I
not connected
DGND
49
G
digital ground
DGND
50
G
digital ground
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Số phần tương tự - DAC1003D160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160HW IDT-DAC1003D160HW Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
Renesas Technology Corp
DAC1003D160HW RENESAS-DAC1003D160HW Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
More results

Mô tả tương tự - DAC1003D160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com