công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7Y12-55B bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện BUK7Y12-55B
Giải thích chi tiết về linh kiện  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y12-55B bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button BUK7Y12-55B Datasheet HTML 2Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 3Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 4Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 5Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 6Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 7Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 8Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 9Page - NXP Semiconductors BUK7Y12-55B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUK7Y12-55B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 7 April 2010
6 of 14
NXP Semiconductors
BUK7Y12-55B
N-channel TrenchMOS standard level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
55
--V
ID =250 µA; VGS =0V; Tj = -55 °C
50
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS =VGS; Tj =25°C;
see Figure 10; see Figure 11
234V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10
--4.4
V
ID =1mA; VDS =VGS; Tj = 175 °C;
see Figure 10
1
--V
IDSS
drain leakage current
VDS =55V; VGS =0V; Tj = 25 °C
-
0.02
1
µA
VDS =55V; VGS =0V; Tj = 175 °C
-
-
500
µA
IGSS
gate leakage current
VDS =0V; VGS =20V; Tj = 25 °C
-
2
100
nA
VDS =0V; VGS =-20 V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =20A; Tj = 175 °C;
see Figure 12; see Figure 13
-
-
27.6
m
VGS =10V; ID =20A; Tj =25°C;
see Figure 13; see Figure 12
-8.2
12
m
Dynamic characteristics
QG(tot)
total gate charge
ID =20A; VDS =44V; VGS =10V;
see Figure 14
-
35.2
-
nC
QGS
gate-source charge
-
9.24
-
nC
QGD
gate-drain charge
-
14.8
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 15
-
1550
2067
pF
Coss
output capacitance
-
328
394
pF
Crss
reverse transfer
capacitance
-
153
210
pF
td(on)
turn-on delay time
VDS =30V; RL =1.5 Ω; VGS =10V;
RG(ext) =10 Ω
-
19.3
-
ns
tr
rise time
-
29.4
-
ns
td(off)
turn-off delay time
-
43.2
-
ns
tf
fall time
-
22
-
ns
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =25V; Tj =25 °C;
see Figure 16
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs; VGS =0V;
VDS =30V
-45
-
ns
Qr
recovered charge
-
84
-
nC


Số phần tương tự - BUK7Y12-55B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
BUK7Y12-55B NEXPERIA-BUK7Y12-55B Datasheet
795Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03 - 7 April 2010
logo
NXP Semiconductors
BUK7Y12-55B PHILIPS-BUK7Y12-55B_15 Datasheet
203Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03-7 April 2010
More results

Mô tả tương tự - BUK7Y12-55B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com