công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCT0603MD4641DE0P5PW00 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện MCT0603MD4641DE0P5PW00
Giải thích chi tiết về linh kiện  Professional Thin Film Chip Resistor Superior Moisture Resistivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0603MD4641DE0P5PW00 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  MCT0603MD4641DE0P5PW00 Datasheet HTML 1Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 2Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 3Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 4Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 5Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 6Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 7Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 8Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
Vishay Beyschlag
Document Number: 28760
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 07-Dec-09
2
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support
of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not
exceeded. Furthermore, a high level of ambient temperature or of power dissipation may raise the temperature of the solder joint,
hence special solder alloys or board materials may be required to maintain the reliability of the assembly.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime. At the maximum permissible film temperature of 175 °C the useful lifetime is specified for 1000 h. The designer
may estimate the performance of the particular resistor application or set certain load and temperature limits in order to maintain
a desired stability.
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
Operation mode
Standard
Power
Advanced Temperature
Rated dissipation
P70
P70
P85
MCS 0402 AT
0.063 W
0.100 W
0.100 W
MCT 0603 AT
0.100 W
0.125 W
0.150 W
MCU 0805 AT
0.125 W
0.200 W
0.200 W
MCA 1206 AT
0.250 W
0.400 W
0.400 W
Film temperature
125 °C
155 °C
175 °C
Max. resistance change at rated dissipation for
resistance range:
MCS 0402 AT
47
Ω to 47 kΩ
47
Ω to 47 kΩ
47
Ω to 47 kΩ
MCT 0603 AT
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
MCU 0805 AT
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
MCA 1206 AT
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
|ΔR/R| max., after:
1000 h
≤ 0.15 %
≤ 0.3 %
≤ 0.5 %
8000 h
≤ 0.25 %
≤ 0.5 %
-
225 000 h
≤ 1.0 %
-
-


Số phần tương tự - MCT0603MD4641DE0P5PW00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
More results

Mô tả tương tự - MCT0603MD4641DE0P5PW00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com