công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCT0603MD4641DE0P5PW00 bảng dữ liệu(PDF) 10 Page - Vishay Siliconix

tên linh kiện MCT0603MD4641DE0P5PW00
Giải thích chi tiết về linh kiện  Professional Thin Film Chip Resistor Superior Moisture Resistivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0603MD4641DE0P5PW00 bảng dữ liệu(HTML) 10 Page - Vishay Siliconix

Back Button MCT0603MD4641DE0P5PW00 Datasheet HTML 3Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 4Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 5Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 6Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 7Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 8Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 9Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 10Page - Vishay Siliconix MCT0603MD4641DE0P5PW00 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
Vishay Beyschlag
Document Number: 28760
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 07-Dec-09
10
4.27
-
Single pulse high
voltage overload;
standard operation mode
Severity no. 4:
U = 10 x
≤ 2 x Umax.;
10 pulses
± (0.25 %
R +0.05
Ω)
Single pulse high
voltage overload;
power operation mode
± (0.5 %
R +0.05
Ω)
4.37
-
Periodic electric overload;
standard operation mode
U =
≤ 2 x Umax.;
0.1 s on; 2.5 s off;
1000 cycles
± (0.5 %
R +0.05
Ω)
Periodic electric overload;
power operation mode
± (1.0 %
R +0.05
Ω)
4.40
-
ESD
(Electro Static Discharge)
IEC 61340-3-1;
3 pos. + 3 neg.
(equivalent to MIL-STD-883,
Method 3015)
MCS 0402 AT: 500 V
MCT 0603 AT: 1000 V
MCU 0805 AT: 1500 V
MCA 1206 AT: 2000 V
± (0.5 %
R +0.05
Ω)
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2; 6 h
± (0.1 %
R +0.01
Ω)
no visible damage
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb40; non-activated flux
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
≥ 95 % covered);
no visible damage
Solder bath method;
SnAg3Cu0.5 or SnAg3.5;
non-activated flux;
(235 ± 3) °C; (2 ± 0.2) s
Good tinning (
≥ 95 % covered);
no visible damage
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.1 %
R +0.01
Ω)
no visible damage
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol + 50
°C;
method 2
No visible damage
4.32
21 (Ue3)
Shear (adhesion)
RR 1005M and
RR 1608M; 9 N
No visible damage
RR 2012M and
RR 3216M; 45 N
4.33
21 (Ue1)
Substrate bending
Depth 2 mm, 3 times
± (0.1 %
R +0.01
Ω)
no visible damage; no open circuit in bent position
4.7
-
Voltage proof
URMS = Uins; (60 ± 5) s
No flashover or breakdown
4.35
-
Flammability
Needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
STABILITY CLASS 0.5 OR BETTER
Stability for product types:
MCS 0402 AT
47
Ω to 47 kΩ
MCT 0603 AT
47
Ω to 100 kΩ
MCU 0805 AT
47
Ω to 100 kΩ
MCA 1206 AT
47
Ω to 100 kΩ
P
70 x R
15 x
P
70 x R


Số phần tương tự - MCT0603MD4641DE0P5PW00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
More results

Mô tả tương tự - MCT0603MD4641DE0P5PW00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com