công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM025C686KHN360 bảng dữ liệu(PDF) 10 Page - AVX Corporation |
|
SM025C686KHN360 bảng dữ liệu(HTML) 10 Page - AVX Corporation |
10 / 112 page 9 D A B 0.508 (0.020) TYP. 2.54 (0.100) TYP. 2.54 (0.100) MAX. 0.635 (0.025) MIN. 1.397 (0.055) ±0.254 (0.010) 6.35 (0.250) MIN. E C CHIP SEPARATION 0.254 (0.010) TYP. 0.254 (0.010) TYP. SMPS Stacked MLC Capacitors (SM Style) Surface Mount and Thru-Hole Styles (SM0, SM5) No. of Leads Style A (max.) B (max.) C ±.635 (±0.025) D ±.635 (±0.025) E (max.) per side SM-1 11.4 (0.450) 52.1 (2.050) 12.7 (0.500) 20 SM-2 20.3 (0.800) 38.4 (1.510) 22.1 (0.870) 15 SM-3 11.4 (0.450) 26.7 (1.050) 12.7 (0.500) 10 SM-4 10.2 (0.400) 10.2 (0.400) 11.2 (0.440) 4 SM-5 6.35 (0.250) 6.35 (0.250) 7.62 (0.300) 3 SM-6 31.8 (1.250) 52.1 (2.050) 34.3 (1.350) 20 Note: For SM5 add 0.127 (0.005) to max. and nominal dimensions A, B, D, & E “N” STYLE LEADS E C RAD. 0.254 (0.010) (TYP) DETAIL B CHIP SEPARATION 0.254 (0.010) TYP. 1.778 ±0.254 (0.070 ± 0.010) 3.048 ± 0.381 (0.120 ± 0.015) DETAIL B “Z” STYLE LEADS E C CHIP SEPARATION 0.254 (0.010) TYP. 0.254 (0.010) TYP. B DETAIL A 4.191 ± 0.254 (0.165 ± 0.010) 1.651 ± 0.254 (0.065 ± 0.010) 2.540 ± 0.254 (0.100 ± 0.010) 6.350 (0.250) MIN 1.016 ± 0.254 (0.040 ± 0.010) R 0.508 (0.020) 3 PLACES CAPACITOR DETAIL A “P” STYLE LEADS “J” STYLE LEADS DIMENSIONS millimeters (inches) See page 10 for maximum “A” Dimension For “N” Style Leads: “A” Dimension Plus 1.651 (0.065) For “J” & “L” Style Leads: “A” Dimension Plus 2.032 (0.080) For “P” Style Leads: “A” Dimension Plus 4.445 (0.175) For “Z” Style Leads: “A” Dimension Plus 3.048 (0.120) E C CHIP SEPARATION 0.254 (0.010) TYP. 0.254 (0.010) TYP. 0.254 (0.010) RAD. (TYP.) 1.905 (0.075) ±0.635 (0.025) TYP. 1.778 (0.070) ±0.254 (0.010) D A B 0.508 (0.020) TYP. 2.54 (0.100) TYP. 2.54 (0.100) MAX. 0.635 (0.025) MIN. 1.397 (0.055) ±0.254 (0.010) D A B 0.508 (0.020) TYP. 2.54 (0.100) TYP. 2.54 (0.100) MAX. 0.635 (0.025) MIN. 1.397 (0.055) ±0.254 (0.010) E C CHIP SEPARATION 0.254 (0.010) TYP. 0.254 (0.010) TYP. 0.254 (0.010) RAD. (TYP.) 1.778 (0.070) 1.905 (0.075) ±0.635 (0.025) TYP. ±0.254 (0.010) “L” STYLE LEADS |
Số phần tương tự - SM025C686KHN360 |
|
Mô tả tương tự - SM025C686KHN360 |