công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM035C226KHN360 bảng dữ liệu(PDF) 10 Page - AVX Corporation

tên linh kiện SM035C226KHN360
Giải thích chi tiết về linh kiện  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

SM035C226KHN360 bảng dữ liệu(HTML) 10 Page - AVX Corporation

Back Button SM035C226KHN360 Datasheet HTML 6Page - AVX Corporation SM035C226KHN360 Datasheet HTML 7Page - AVX Corporation SM035C226KHN360 Datasheet HTML 8Page - AVX Corporation SM035C226KHN360 Datasheet HTML 9Page - AVX Corporation SM035C226KHN360 Datasheet HTML 10Page - AVX Corporation SM035C226KHN360 Datasheet HTML 11Page - AVX Corporation SM035C226KHN360 Datasheet HTML 12Page - AVX Corporation SM035C226KHN360 Datasheet HTML 13Page - AVX Corporation SM035C226KHN360 Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
9
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
6.35
(0.250)
MIN.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254
(0.010)
TYP.
SMPS Stacked MLC Capacitors
(SM Style) Surface Mount and Thru-Hole Styles (SM0, SM5)
No. of Leads
Style
A (max.)
B (max.)
C ±.635 (±0.025)
D ±.635 (±0.025)
E (max.)
per side
SM-1
11.4 (0.450)
52.1 (2.050)
12.7 (0.500)
20
SM-2
20.3 (0.800)
38.4 (1.510)
22.1 (0.870)
15
SM-3
11.4 (0.450)
26.7 (1.050)
12.7 (0.500)
10
SM-4
10.2 (0.400)
10.2 (0.400)
11.2 (0.440)
4
SM-5
6.35 (0.250)
6.35 (0.250)
7.62 (0.300)
3
SM-6
31.8 (1.250)
52.1 (2.050)
34.3 (1.350)
20
Note: For SM5 add 0.127 (0.005) to max. and nominal dimensions A, B, D, & E
“N” STYLE LEADS
E
C
RAD.
0.254
(0.010)
(TYP)
DETAIL B
CHIP SEPARATION
0.254 (0.010) TYP.
1.778 ±0.254
(0.070 ± 0.010)
3.048 ± 0.381
(0.120 ± 0.015)
DETAIL B
“Z” STYLE LEADS
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254
(0.010)
TYP.
B
DETAIL A
4.191 ± 0.254
(0.165 ± 0.010)
1.651 ± 0.254
(0.065 ± 0.010)
2.540 ± 0.254
(0.100 ± 0.010)
6.350 (0.250) MIN
1.016 ± 0.254
(0.040 ± 0.010)
R 0.508
(0.020)
3 PLACES
CAPACITOR
DETAIL A
“P” STYLE LEADS
“J” STYLE LEADS
DIMENSIONS
millimeters (inches)
See page 10 for
maximum “A”
Dimension
For “N” Style Leads: “A” Dimension Plus 1.651 (0.065)
For “J” & “L” Style Leads: “A” Dimension Plus 2.032 (0.080)
For “P” Style Leads: “A” Dimension Plus 4.445 (0.175)
For “Z” Style Leads: “A” Dimension Plus 3.048 (0.120)
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.905 (0.075)
±0.635 (0.025)
TYP.
1.778 (0.070)
±0.254 (0.010)
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.778 (0.070)
1.905 (0.075)
±0.635 (0.025)
TYP.
±0.254 (0.010)
“L” STYLE LEADS


Số phần tương tự - SM035C226KHN360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM03 MICROSEMI-SM03 Datasheet
138Kb / 2P
   TVSarray Series
logo
Diotech Company.
SM03 DIOTECH-SM03 Datasheet
931Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SM03 LEIDITECH-SM03 Datasheet
133Kb / 3P
   USB 2.0 power and data line
logo
Guangdong Youtai Semico...
SM03 UMW-SM03 Datasheet
425Kb / 3P
   TVS Diode Array
More results

Mô tả tương tự - SM035C226KHN360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com