công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD00GA3WEFJ bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BD00GA3WEFJ
Giải thích chi tiết về linh kiện  300mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BD00GA3WEFJ bảng dữ liệu(HTML) 1 Page - Rohm

  BD00GA3WEFJ Datasheet HTML 1Page - Rohm BD00GA3WEFJ Datasheet HTML 2Page - Rohm BD00GA3WEFJ Datasheet HTML 3Page - Rohm BD00GA3WEFJ Datasheet HTML 4Page - Rohm BD00GA3WEFJ Datasheet HTML 5Page - Rohm BD00GA3WEFJ Datasheet HTML 6Page - Rohm BD00GA3WEFJ Datasheet HTML 7Page - Rohm BD00GA3WEFJ Datasheet HTML 8Page - Rohm BD00GA3WEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
1/11
Secondary Variable Output LDO Regulator Series for Local Power Supplies
300mA Secondary Variable Output
LDO Regulators for Local Power Supplies
BD00GA3WEFJ
Description
BD00GA3WEFJ is a LDO regulator with output current 0.3A. The output accuracy is ±1% of output voltage. With
external resistance, it is available to set the output voltage at random (from 1.5V to 13.0V) and also provides output
voltage fixed type without external resistance. It is used for the wide applications of digital appliances. It has package
type: HTSOP-J8. Over current protection (for protecting the IC destruction by output short circuit), circuit current
ON/OFF switch (for setting the circuit 0μA at shutdown mode), and thermal shutdown circuit (for protecting IC from heat
destruction by over load condition) are all built in. It is usable for ceramic capacitor and enables to improve smaller set
and long-life.
Features
1) Output current 0.3A
2) High accuracy reference voltage circuit
3) Built-in Over Current Protection circuit (OCP)
4) Built-in Thermal Shut Down circuit (TSD)
5) With shut down switch
6) Output voltage variable type (1.5V to 13.0V)
7) Package: HTSOP-J8
Output voltage differential Line up
Signal
Description
a
Output voltage (V)
00
Variable
b
Voltage resistance(V)
E
24V
H
10V
F
20V
I
7V
G
15V
c
Output current (A)
A1
0.1A
C0
1.0A
A3
0.3A
C5
1.5A
A5
0.5A
D0
2.0A
d
Shutdown switch
“W”
Shutdown switch is built in
“ ”
Shutdown switch is not built in
e
Package
EFJ
HTSOP-J8
Product name
Variable
Package
BD00GA3WEFJ
HTSOP-J8
No.10026EAT05
Product name :
BD00GA3WEFJ
a b c d
e


Số phần tương tự - BD00GA3WEFJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Mô tả tương tự - BD00GA3WEFJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com