công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC16374A bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74LVC16374A
Giải thích chi tiết về linh kiện  16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC16374A bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC16374A Datasheet HTML 4Page - NXP Semiconductors 74LVC16374A Datasheet HTML 5Page - NXP Semiconductors 74LVC16374A Datasheet HTML 6Page - NXP Semiconductors 74LVC16374A Datasheet HTML 7Page - NXP Semiconductors 74LVC16374A Datasheet HTML 8Page - NXP Semiconductors 74LVC16374A Datasheet HTML 9Page - NXP Semiconductors 74LVC16374A Datasheet HTML 10Page - NXP Semiconductors 74LVC16374A Datasheet HTML 11Page - NXP Semiconductors 74LVC16374A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LVC_LVCH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 23 March 2010
8 of 19
NXP Semiconductors
74LVC16374A; 74LVCH16374A
16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
[2]
The bus hold circuit is switched off when VI > VCC allowing 5.5 V on the input pin.
[3]
For non bus hold parts only (74LVC16374A).
[4]
Valid for data inputs only. Control inputs do not have a bus hold circuit.
[5]
The specified sustaining current at the data input holds the input below the specified VI level.
[6]
The specified overdrive current at the data input forces the data input to the opposite logic input state.
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =100 μA;
VCC = 2.7 V to 3.6 V
-
-
0.2
-
0.3
V
IO =12mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VCC = 3.6 V;
VI =5.5 V orGND
[2]
-
±0.1
±5-
±20
μA
IOZ
OFF-state
output current
VI =VIH or VIL; VCC = 3.6 V;
VO = 5.5 V or GND;
[2]
-
±0.1
±5-
±20
μA
IOFF
power-off
leakage current
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±10
-
±20
μA
ICC
supply current
VCC = 3.6 V;
VI =VCC or GND; IO =0A
-0.1
20
-
80
μA
ΔI
CC
additional
supply current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC − 0.6 V; IO =0A
[3]
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-5.0
-
-
-
pF
IBHL
bus hold LOW
current
VCC = 3.0 V; VI = 0.8 V
[4][5]
75
-
-
60
-
μA
IBHH
bus hold HIGH
current
VCC = 3.0 V; VI = 2.0 V
[4][5]
−75
-
-
−60
-
μA
IBHLO
bus hold LOW
overdrive
current
VCC = 3.6 V
[4][6]
500
-
-
500
-
μA
IBHHO
bus hold HIGH
overdrive
current
VCC = 3.6 V
[4][6]
−500
-
-
−500
-
μA
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max


Số phần tương tự - 74LVC16374A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Nexperia B.V. All right...
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC16374ADGG PHILIPS-74LVC16374ADGG Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Nexperia B.V. All right...
74LVC16374ADGG NEXPERIA-74LVC16374ADGG Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
More results

Mô tả tương tự - 74LVC16374A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32374A PHILIPS-74LVCH32374A Datasheet
77Kb / 16P
   32-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com