công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKBA3 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện AM1707ZKBA3
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKBA3 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button AM1707ZKBA3 Datasheet HTML 2Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 3Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 4Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 5Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 6Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 7Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 8Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 9Page - Texas Instruments AM1707ZKBA3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 155 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
1
AM1705 ARM Microprocessor
........................ 1
6.7
Clock PLLs
......................................... 43
6.8
Interrupts
............................................ 46
1.1
Features
.............................................. 1
6.9
General-Purpose Input/Output (GPIO)
............. 50
1.2
Trademarks
.......................................... 3
6.10
EDMA
............................................... 53
1.3
Description
........................................... 4
6.11
External Memory Interface A (EMIFA)
............. 58
1.4
Functional Block Diagram
............................ 5
6.12
External Memory Interface B (EMIFB)
............. 65
2
Revision History
......................................... 7
6.13
Memory Protection Units
........................... 71
3
Device Overview
........................................ 8
6.14
MMC / SD / SDIO (MMCSD)
....................... 74
3.1
Device Characteristics
............................... 8
6.15
Ethernet Media Access Controller (EMAC)
......... 77
3.2
Device Compatibility
................................. 9
6.16
Management Data Input/Output (MDIO)
........... 82
3.3
ARM Subsystem
..................................... 9
6.17
Multichannel Audio Serial Ports (McASP0,
McASP1)
............................................ 84
3.4
Memory Map Summary
............................. 12
6.18
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 93
3.5
Pin Assignments
.................................... 15
6.19
Enhanced Capture (eCAP) Peripheral
............ 111
3.6
Terminal Functions
................................. 16
6.20
Enhanced Quadrature Encoder (eQEP) Peripheral
4
Device Configuration
................................. 29
..................................................... 114
4.1
Boot Modes
......................................... 29
6.21
Enhanced High-Resolution Pulse-Width Modulator
4.2
SYSCFG Module
................................... 29
(eHRPWM)
........................................ 116
4.3
Pullup/Pulldown Resistors
.......................... 31
6.22
Timers
............................................. 120
6.23
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
5
Device Operating Conditions
....................... 32
..................................................... 122
5.1
Absolute Maximum Ratings Over Operating
Junction Temperature Range
6.24
Universal Asynchronous Receiver/Transmitter
(UART)
............................................ 127
(Unless Otherwise Noted)
................................. 32
6.25
USB0 OTG (USB2.0 OTG)
........................ 129
5.2
Recommended Operating Conditions
.............. 33
6.26
Power and Sleep Controller (PSC)
................ 137
5.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Junction
6.27
Programmable Real-Time Unit Subsystem (PRUSS)
..................................................... 140
Temperature (Unless Otherwise Noted)
............ 34
6.28
Emulation Logic
................................... 143
6
Peripheral Information and Electrical
Specifications
.......................................... 35
6.29
IEEE 1149.1 JTAG
................................ 149
6.1
Parameter Information
.............................. 35
7
Device and Documentation Support
............. 151
6.2
Recommended Clock and Control Signal Transition
7.1
Device Support
.................................... 151
Behavior
............................................ 36
7.2
Documentation Support
........................... 151
6.3
Power Supplies
..................................... 37
8
Mechanical Packaging and Orderable
6.4
Unused USB0 (USB2.0) Pin Configurations
....... 37
Information
............................................ 152
6.5
Reset
............................................... 37
8.1
Device and Development-Support Tool
Nomenclature
..................................... 152
6.6
Crystal Oscillator or External Clock Input
.......... 41
8.2
Mechanical Drawings
............................. 152
6
Contents
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705


Số phần tương tự - AM1707ZKBA3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM1707ZKBA3 TI-AM1707ZKBA3 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
More results

Mô tả tương tự - AM1707ZKBA3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com