công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1146 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1146
Giải thích chi tiết về linh kiện  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1146 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS1146 Datasheet HTML 3Page - Texas Instruments ADS1146 Datasheet HTML 4Page - Texas Instruments ADS1146 Datasheet HTML 5Page - Texas Instruments ADS1146 Datasheet HTML 6Page - Texas Instruments ADS1146 Datasheet HTML 7Page - Texas Instruments ADS1146 Datasheet HTML 8Page - Texas Instruments ADS1146 Datasheet HTML 9Page - Texas Instruments ADS1146 Datasheet HTML 10Page - Texas Instruments ADS1146 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ADS1146
ADS1147
ADS1148
www.ti.com
SBAS453C – JULY 2009 – REVISED APRIL 2010
ADS1148 (TSSOP-28) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
Analog input
Positive external reference input 0, or
REFP0/GPIO0
5
Digital in/out
general-purpose digital input/output pin 0
Analog input
Negative external reference 0 input, or
REFN0/GPIO1
6
Digital in/out
general-purpose digital input/output pin 1
REFP1
7
Analog input
Positive external reference 1 input
REFN1
8
Analog input
Negative external reference 1 input
VREFOUT
9
Analog output
Positive internal reference voltage output
Negative internal reference voltage output. Connect this pin to AVSS when using a unipolar
VREFCOM
10
Analog output
supply, or to the midvoltage of the power supply when using a bipolar supply.
AIN0/IEXC
11
Analog input
Analog input 0, optional excitation current output
AIN1/IEXC
12
Analog input
Analog input 1, optional excitation current output
Analog input
Analog input 4, optional excitation current output, or
AIN4/IEXC/GPIO4
13
Digital in/out
general-purpose digital input/output pin 4
Analog input
Analog input 5, optional excitation current output, or
AIN5/IEXC/GPIO5
14
Digital in/out
general-purpose digital input/output pin 5
Analog input
Analog input 6, optional excitation current output, or
AIN6/IEXC/GPIO6
15
Digital in/out
general-purpose digital input/output pin 6
Analog input
Analog input 7, optional excitation current output, or
AIN7/IEXC/GPIO7
16
Digital in/out
general-purpose digital input/output pin 7
Analog input
Analog input 2, optional excitation current output, or
AIN2/IEXC/GPIO2
17
Digital in/out
general-purpose digital input/output pin 2
Analog input
Analog input 3, optional excitation current output, or
AIN3/IEXC/GPIO3
18
Digital in/out
general-purpose digital input/output pin 3
IEXC2
19
Analog output
Excitation current output 2
IEXC1
20
Analog output
Excitation current output 1
AVSS
21
Analog
Negative analog power supply
AVDD
22
Analog
Positive analog power supply
START
23
Digital input
Conversion start. See text for complete description.
CS
24
Digital input
Chip select (active low)
DRDY
25
Digital output
Data ready (active low)
Serial data out output, or
DOUT/DRDY
26
Digital output
data out combined with data ready (active low when DRDY function enabled)
DIN
27
Digital input
Serial data input
SCLK
28
Digital input
Serial clock input
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1146 ADS1147 ADS1148


Số phần tương tự - ADS1146

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1146 TI1-ADS1146 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1146 TI1-ADS1146 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1146EVM-PDK TI1-ADS1146EVM-PDK Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
More results

Mô tả tương tự - ADS1146

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com